Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14489BDWE Datasheet (PDF) - Motorola, Inc

MC14489BDWE Datasheet PDF - Motorola, Inc
Part # MC14489BDWE
Download  MC14489BDWE Download
File Size   2250.45 Kbytes
Page   22 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Multi-Character LED Display/Lamp Driver

MC14489BDWE Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14489BDWE Datasheet PDF - Motorola, Inc

Part # MC14489BDWE
Download  MC14489BDWE Click to download

File Size   2250.45 Kbytes
Page   22 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Multi-Character LED Display/Lamp Driver

MC14489BDWE Datasheet (HTML) - Motorola, Inc


MC14489BDWE Product details

Multy-Character LED Display/Lamp Driver CMOS



The  MC144898  is  a flexible  light-emitting-diode  driver  which  directly  in terfaces  to  individual  lamps,  7-segment  displays,  or  various  combinations  of both.  LEOs  wired  with  common  cathodes  are  driven  in  a  multiplexed-by-5 fashion.  Communication  with  an  MCUIMPU  is  established  through  a synchronous  serial  port.  The  MC 144898  features  data  retention  plus  decode  and  scan circuitry,  thus  relieving  processor  overhead.  A  single,  current-setting  resistor is  the  only  ancillary  component  required.



.Operating  Voltage  Range  of  Drive  Circuitry:  4.5  to  5.5  V

.Operating  Junction  Temperature  Range:  -40°  to  130°C

.Current  Sources  Controlled  by  Single  Resistor  Provide  Anode  Drive

.Low-Resistance  FET  Switches  Provide  Direct  Common  Cathode  Interface

.Low-Power  Mode  (Extinguishes  the  LEDs)  and  Brightness  Controlled  via Serial  Port

.Special  Circuitry  Minimizes  EMI  when  Display  is  Driven  and  Eliminates  EMI in  Low-Power  Mode

.Power-On  Reset  (POR)  Blanks  the  Display  on  Power-Up,  Independent  of Supply  Ramp  Up  Time

.May  Be  Used  with  Double-Heterojunction  LEDs  for  Optimum  Efficiency

.Chip  Complexity:  4300  Elements  (FETs,  Resistors,  Capacitors,  etc.)




Similar Part No. - MC14489BDWE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14489BDW MOTOROLA-MC14489BDW Datasheet
2Mb / 22P
Multy-Character LED Display/Lamp Driver
MC14489BDWR2 MOTOROLA-MC14489BDWR2 Datasheet
2Mb / 22P
Multy-Character LED Display/Lamp Driver
More results


Similar Description - MC14489BDWE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243 Datasheet
109Kb / 12P
8-Character, Microprocessor- Compatible, LED Display Decoder Driver
August 1997
logo
Motorola, Inc
MC14489B MOTOROLA-MC14489B Datasheet
2Mb / 22P
Multy-Character LED Display/Lamp Driver
logo
Toshiba Semiconductor
TLG336S TOSHIBA-TLG336S Datasheet
262Kb / 6P
LED LAMP 8.0mm(0.3inch)Character Height Numerical Display
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
October 28, 2005
logo
Freescale Semiconductor...
MC14489BPE FREESCALE-MC14489BPE Datasheet
2Mb / 22P
MuIti-Character lED Display/lamp Driver
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Texas Instruments
LM3535 TI1-LM3535 Datasheet
1Mb / 34P
Multi-Display LED Driver
logo
Motorola, Inc
MC14489 MOTOROLA-MC14489 Datasheet
305Kb / 20P
Multi-Character LED Display/Lamp Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
8-Character, Microprocessor Compatible, LED Display Decoder Driver
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com