Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBG28 Datasheet (PDF) - Microsemi Corporation

SMBG28 Datasheet PDF - Microsemi Corporation
Part # SMBG28
Download  SMBG28 Download
File Size   183.1 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SURFACE MOUNT 600 Watt Transient Voltage Suppressor

SMBG28 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBG28 Datasheet PDF - Microsemi Corporation

Part # SMBG28
Download  SMBG28 Click to download

File Size   183.1 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SURFACE MOUNT 600 Watt Transient Voltage Suppressor

SMBG28 Datasheet (HTML) - Microsemi Corporation


SMBG28 Product details

DESCRIPTION
This SMBJ5.0-170A or SMBG5.0-170A series of surface mount 600 W Transient Voltage Suppressors (TVSs) protects a variety of voltage-sensitive components from destruction or degradation. It is available in J-bend design (SMBJ) with the DO-214AA package for greater PC board mounting density or in a Gull-wing design (SMBG) in the DO-215AA for visible solder connections. It is also available in both unidirectional and bidirectional configurations with a C or CA suffix part number as well as RoHS Compliant with an e3 suffix. Their response time is virtually instantaneous. As a result, they can be used for protection from ESD or EFT per IEC61000-4-2 and IEC61000-4-4, or for inductive switching environments and induced RF protection. They can also protect from secondary lightning effects per IEC61000-4-5 and class levels defined herein. Microsemi also offers numerous other TVS products to meet higher and lower power demands and special applications.

FEATURES
• Available in both unidirectional and bidirectional
   construction (add C or CA suffix for bidirectional)
• Selections for 5.0 to 170 volts standoff voltages (VWM)
• Optional 100% screening for avionics grade is available
   by adding MA prefix to part number for 100% temperature
   cycle -55oC to +125oC (10X) as well as surge (3X) and 24
   hours HTRB with post test VZ & IR (in operating direction
   for unidirectional or both directions for bidirectional)
• Options for screening in accordance with MIL-PRF-19500
   for JANTX are available by adding MX prefix to the part
   number.
• Axial-lead equivalent packages for thru-hole mounting
   available as P6KE6.8 to P6KE200CA (consult factory for
   other surface mount options)
• Moisture classification is Level 1 with no dry pack required
   per IPC/JEDEC J-STD-020B
• RoHS compliant devices available by adding an “e3” suffix

APPLICATIONS / BENEFITS
• Economical surface mount design in both J-bend or Gull-wing terminations
• Protects sensitive components such as IC’s, CMOS, Bipolar, BiCMOS, ECL, DTL, T2L, etc.
• Protection from switching transients & induced RF
• Compliant to IEC61000-4-2 and IEC61000-4-4 for ESD and EFT protection respectively
• Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance:
   Class 1: SMB 5.0 to SMB 120A or CA
   Class 2: SMB 5.0 to SMB 60A or CA
   Class 3: SMB 5.0 to SMB 30A or CA
• Class 4: SMB 5.0 to SMB 15A or CA
• Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance:
   Class 1: SMB 5.0 to SMB 36A or CA
• Class 2: SMB 5.0 to SMB 18A or CA




Similar Part No. - SMBG28

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMBG28 GE-SMBG28 Datasheet
77Kb / 4P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBG28 MICROSEMI-SMBG28 Datasheet
139Kb / 3P
UNI- AMD BI-DIRECTIONAL SURFACE MOUNT
SMBG28 MICROSEMI-SMBG28 Datasheet
209Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMBG28 VISHAY-SMBG28 Datasheet
116Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
22-Oct-08
logo
Digitron Semiconductors
SMBG28 DIGITRON-SMBG28 Datasheet
188Kb / 4P
SURFACE MOUNT 600W TVS
More results


Similar Description - SMBG28

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMBG28CA MICROSEMI-SMBG28CA Datasheet
209Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ26CAE3 MICROSEMI-SMBJ26CAE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ100CAE3 MICROSEMI-SMBJ100CAE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ51E3 MICROSEMI-SMBJ51E3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ58AE3 MICROSEMI-SMBJ58AE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ15CAE3 MICROSEMI-SMBJ15CAE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ43CAE3 MICROSEMI-SMBJ43CAE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG18A MICROSEMI-SMBG18A Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ20AE3 MICROSEMI-SMBJ20AE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ30ATR MICROSEMI-SMBJ30ATR Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com