Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRC104 Datasheet (PDF) - Murata Manufacturing Co., Ltd.

TRC104 Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # TRC104
Download  TRC104 Download
File Size   1023.18 Kbytes
Page   33 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 2.4 GHz RF Transceiver

TRC104 Datasheet (PDF)

Go To PDF Page Download Datasheet
TRC104 Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # TRC104
Download  TRC104 Click to download

File Size   1023.18 Kbytes
Page   33 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 2.4 GHz RF Transceiver

TRC104 Datasheet (HTML) - Murata Manufacturing Co., Ltd.


TRC104 Product details

Product Overview
TRC104 is a single chip, multi-channel, low power RF transceiver. It is an ideal fit for low cost, high volume, two-way short range wireless applications operating in the worldwide unlicensed 2.4 GHz ISM band.

Key Features
• Modulation: GFSK with frequency hopping spread spectrum capability
• Frequency range: 2401-2527 MHz
• 127 Channels
• High sensitivity: -95 dBm @ 250 kb/s
• High data rate: Up to 1 Mb/s
• Low current consumption - Receive current: 18 mA Transmit current: 13 mA @ 0 dBm
• Up to 1 mW transmit power
• Wide operating supply voltage: 1.9 to 3.6 V
• Low sleep current: 0.4 µA
• Integrated PLL, IF and base-band circuitry
• Integrated data & clock recovery
• Programmable RF output power
• 32-byte Transmit/receive FIFO
• Programmable TX/RX FIFO depth
• Continuous & protocol modes
• Packet destination and sender addressing
• Packet handling features - Packet address filtering Error detection
• SPI configuration & data interface
• TTL/CMOS compatible I/O pins
• Low-cost crystal reference
• Integrated RSSI
• Integrated crystal oscillator
• Host microcontroller interrupt outputs
• Programmable data rate
• Integrated 16-bit packet CRC
• Integrated DC-balanced data scrambling
• Integrated voltage regulators
• Four power-saving operating states
• Very low external component count
• Small plastic package: 24-pin QFN
• Standard 13 inch reel, 3K pieces

Applications
• Wireless keyboards
• Wireless mice
• Wireless game controllers
• Wireless headsets
• Wireless Toys
• Active RFID tags
• Security systems
• Two-way remote keyless entry
• Automobile immobilizers
• Sports and performance monitoring
• Low power two-way telemetry systems
• Wireless modules




Similar Part No. - TRC104

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
More results


Similar Description - TRC104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
2.4 GHZ RF TRANSCEIVER
logo
Texas Instruments
CC2400 TI-CC2400 Datasheet
955Kb / 84P
2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
2.4 GHz Low-Power RF Transceiver
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
2010
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
logo
Microchip Technology
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
logo
Texas Instruments
CC2400 TI1-CC2400_08 Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
logo
Anaren Microwave
A20737A ANAREN-A20737A Datasheet
724Kb / 2P
2.4-GHz RF transceiver incorporating
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com