Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RO3131A Datasheet (PDF) - Murata Manufacturing Co., Ltd.

RO3131A Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # RO3131A
Download  RO3131A Download
File Size   392.26 Kbytes
Page   2 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 314.35 MHz SAW Resonator

RO3131A Datasheet (PDF)

Go To PDF Page Download Datasheet
RO3131A Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # RO3131A
Download  RO3131A Click to download

File Size   392.26 Kbytes
Page   2 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 314.35 MHz SAW Resonator

RO3131A Datasheet (HTML) - Murata Manufacturing Co., Ltd.




Similar Part No. - RO3131A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3131A MURATA-RO3131A Datasheet
177Kb / 2P
314.35 MHz SAW Resonator
More results


Similar Description - RO3131A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3714 EPCOS-B3714 Datasheet
51Kb / 6P
SAW Components SAW filter 314.35 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1588A TAI-SAW-TA1588A Datasheet
190Kb / 6P
SAW Filter 314.35 MHz
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
315.0 MHz SAW Resonator
RO3073E MURATA-RO3073E Datasheet
100Kb / 2P
315.00 MHz SAW Resonator
RO3073E-1 MURATA-RO3073E-1 Datasheet
396Kb / 2P
315.00 MHz SAW Resonator
RO3073E-11 MURATA-RO3073E-11 Datasheet
394Kb / 2P
315.00 MHz SAW Resonator
RO3075A MURATA-RO3075A Datasheet
392Kb / 2P
345.00 MHz SAW Resonator
RO3131A MURATA-RO3131A Datasheet
177Kb / 2P
314.35 MHz SAW Resonator
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com