Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1141B Datasheet (PDF) - Murata Manufacturing Co., Ltd.

SF1141B Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # SF1141B
Download  SF1141B Download
File Size   471.55 Kbytes
Page   6 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 75.00 MHz SAW Resonator

SF1141B Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1141B Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # SF1141B
Download  SF1141B Click to download

File Size   471.55 Kbytes
Page   6 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 75.00 MHz SAW Resonator

SF1141B Datasheet (HTML) - Murata Manufacturing Co., Ltd.


SF1141B Product details

75.00 MHz SAW Filter

• Designed for SDARS IF Receiver
• Low Insertion Loss
• 5.0 X 7.0 mm Surface-Mount Case
• Differential Input and Output
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF1141B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1141B RFM-SF1141B Datasheet
471Kb / 6P
Designed for SDARS IF Receiver
SF1141B-2 RFM-SF1141B-2 Datasheet
103Kb / 3P
Designed for SDARS IF Receiver
logo
Murata Manufacturing Co...
SF1141B-2 MURATA-SF1141B-2 Datasheet
103Kb / 3P
75.00 MHz SAW Resonator
logo
RF Monolithics, Inc
SF1141B-4 RFM-SF1141B-4 Datasheet
106Kb / 3P
Designed for SDARS IF Receiver
logo
Murata Manufacturing Co...
SF1141B-4 MURATA-SF1141B-4 Datasheet
106Kb / 3P
75.00 MHz SAW Resonator
More results


Similar Description - SF1141B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1140B MURATA-SF1140B Datasheet
363Kb / 6P
75.00 MHz SAW Resonator
SF1140B-2 MURATA-SF1140B-2 Datasheet
103Kb / 3P
75.00 MHz SAW Resonator
SF1141B-2 MURATA-SF1141B-2 Datasheet
103Kb / 3P
75.00 MHz SAW Resonator
SF1141B-4 MURATA-SF1141B-4 Datasheet
106Kb / 3P
75.00 MHz SAW Resonator
logo
Transko Electronics, In...
TA07516AV TRANSKO-TA07516AV Datasheet
765Kb / 4P
75.00 MHz IF SAW Filter / 16.40 MHz Bandwidth
Revision 1: 28 Oct. 2010
TL07504AV TRANSKO-TL07504AV Datasheet
598Kb / 4P
75.00 MHz IF SAW Filter / 4.73 MHz Bandwidth
Revision 0: 26 Nov. 2008
TL07515CT TRANSKO-TL07515CT Datasheet
639Kb / 4P
75.00 MHz IF SAW Filter / 15.5 MHz Bandwidth
Revision 1: 07 Oct. 2008
TL07515DT TRANSKO-TL07515DT Datasheet
595Kb / 4P
75.00 MHz IF SAW Filter / 14.8 MHz Bandwidth
Revision 0: 1 Oct. 2008
TL07526AV TRANSKO-TL07526AV Datasheet
565Kb / 4P
75.00 MHz IF SAW Filter / 25.0 MHz Bandwidth
Revision 0: 05 Dec. 2007
TL07529AV TRANSKO-TL07529AV Datasheet
575Kb / 4P
75.00 MHz IF SAW Filter / 29.6 MHz Bandwidth
Revision 0: 26 May 2008
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com