Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1091A Datasheet (PDF) - Murata Manufacturing Co., Ltd.

SF1091A Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # SF1091A
Download  SF1091A Download
File Size   84.63 Kbytes
Page   4 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 211 MHz SAW Filter

SF1091A Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1091A Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # SF1091A
Download  SF1091A Click to download

File Size   84.63 Kbytes
Page   4 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 211 MHz SAW Filter

SF1091A Datasheet (HTML) - Murata Manufacturing Co., Ltd.


SF1091A Product details

211 MHz SAW Filter

• Designed for GSM BTS Transmitter Applications
• Low Insertion Loss
• Excellent Size-to-Performance Ratio
• Hermetic 13.3 X 6.5 mm Surface-Mount Case
• Unbalanced Input and Output
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF1091A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1091A RFM-SF1091A Datasheet
236Kb / 9P
211 MHz SAW Filter
More results


Similar Description - SF1091A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1091A RFM-SF1091A Datasheet
236Kb / 9P
211 MHz SAW Filter
logo
TriQuint Semiconductor
855444 TRIQUINT-855444 Datasheet
57Kb / 1P
211 MHz Bandpass Filter
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TriQuint Semiconductor
855444 TRIQUINT-855444_15 Datasheet
422Kb / 6P
211 MHz SAW Filter
856378 TRIQUINT-856378_15 Datasheet
455Kb / 5P
211 MHz SAW Filter
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com