Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2037C Datasheet (PDF) - Murata Manufacturing Co., Ltd.

SF2037C Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # SF2037C
Download  SF2037C Download
File Size   856.59 Kbytes
Page   5 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 76.500 MHz SAW Filter

SF2037C Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2037C Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # SF2037C
Download  SF2037C Click to download

File Size   856.59 Kbytes
Page   5 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 76.500 MHz SAW Filter

SF2037C Datasheet (HTML) - Murata Manufacturing Co., Ltd.


SF2037C Product details

76.500 MHz SAW Filter

• Designed for SDARS IF Receiver
• 5.0 X 5.0 mm Surface-mount Case
• Differential or Single-ended Input and Output
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF2037C

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2037C RFM-SF2037C Datasheet
856Kb / 5P
Designed for SDARS IF Receiver
More results


Similar Description - SF2037C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Murata Manufacturing Co...
SF2037B MURATA-SF2037B Datasheet
248Kb / 7P
76.500 MHz SAW Resonator
SF2037B-2 MURATA-SF2037B-2 Datasheet
248Kb / 7P
76.500 MHz SAW Filter
SF2037B-3 MURATA-SF2037B-3 Datasheet
63Kb / 3P
76.500 MHz SAW Filter
SF2038B MURATA-SF2038B Datasheet
250Kb / 7P
76.500 MHz SAW Filter
SF2038B-2 MURATA-SF2038B-2 Datasheet
250Kb / 7P
76.500 MHz SAW Filter
SF2038B-3 MURATA-SF2038B-3 Datasheet
84Kb / 3P
76.500 MHz SAW Filter
SF2038C MURATA-SF2038C Datasheet
815Kb / 5P
76.500 MHz SAW Filter
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com