Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2060B Datasheet (PDF) - Murata Manufacturing Co., Ltd.

SF2060B Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # SF2060B
Download  SF2060B Download
File Size   242.21 Kbytes
Page   6 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 115.18 MHz SAW Filter

SF2060B Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2060B Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # SF2060B
Download  SF2060B Click to download

File Size   242.21 Kbytes
Page   6 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 115.18 MHz SAW Filter

SF2060B Datasheet (HTML) - Murata Manufacturing Co., Ltd.


SF2060B Product details

115.18 MHz SAW Filter

• Designed for SDARS Receiver IF Application
• Low Insertion Loss
• 5.0 X 7.0 mm Surface-Mount Case
• Differential Input and Output
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF2060B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2060B RFM-SF2060B Datasheet
242Kb / 6P
Designed for SDARS Receiver IF Application
SF2060B-1 RFM-SF2060B-1 Datasheet
166Kb / 6P
Designed for SDARS Receiver IF Application
logo
Murata Manufacturing Co...
SF2060B-1 MURATA-SF2060B-1 Datasheet
166Kb / 6P
115.18 MHz SAW Filter
logo
Galaxy Semi-Conductor H...
SF2060BC BILIN-SF2060BC Datasheet
173Kb / 3P
Super Fast Rectifier
Rev.A
More results


Similar Description - SF2060B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
B7738 EPCOS-B7738 Datasheet
93Kb / 8P
SAW filter 719.0 MHz
B9408 EPCOS-B9408 Datasheet
80Kb / 8P
SAW Filter 2140.0 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Murata Manufacturing Co...
SF2060B-1 MURATA-SF2060B-1 Datasheet
166Kb / 6P
115.18 MHz SAW Filter
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com