Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF1238 Datasheet (PDF) - Murata Manufacturing Co., Ltd.

RF1238 Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # RF1238
Download  RF1238 Download
File Size   210.34 Kbytes
Page   2 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 318.0 MHz SAW Filter

RF1238 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF1238 Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # RF1238
Download  RF1238 Click to download

File Size   210.34 Kbytes
Page   2 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 318.0 MHz SAW Filter

RF1238 Datasheet (HTML) - Murata Manufacturing Co., Ltd.


RF1238 Product details

The RF1238 is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to provide front-end selectivity in 318.0 MHz receivers. Receiver designs using this filter include superhet with 10.7 MHz or 500 kHz IF, direct conversion and superregen. Typical applications of these receivers are wireless remote-control and security devices operating in the USA under FCC Part 15, in Canada under DoC RSS-210, and in Australia.

• Ideal Front-End Filter for 318.0 MHz Wireless Receivers
• Low-Loss, Coupled-Resonator Quartz Design
• Simple External Impedance Matching
• Rugged TO39 Hermetic Package
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - RF1238

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1238 RFM-RF1238 Datasheet
241Kb / 2P
318.0 MHz SAW Filter
RF1238B RFM-RF1238B Datasheet
171Kb / 2P
318.0 MHz SAW Filter
More results


Similar Description - RF1238

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2118A RFM-RO2118A Datasheet
169Kb / 2P
318.0 MHz SAW Resonator
RF1238 RFM-RF1238 Datasheet
241Kb / 2P
318.0 MHz SAW Filter
RF1238B RFM-RF1238B Datasheet
171Kb / 2P
318.0 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Murata Manufacturing Co...
RO3118A MURATA-RO3118A Datasheet
392Kb / 2P
318.0 MHz SAW Resonator
RO3118A-1 MURATA-RO3118A-1 Datasheet
392Kb / 2P
318.0 MHz SAW Resonator
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com