Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC226 Datasheet (PDF) - Hittite Microwave Corporation

HMC226 Datasheet PDF - Hittite Microwave Corporation
Part # HMC226
Download  HMC226 Download
File Size   180.99 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC 3V SOT26 TRANSMT / RECEIVE SWITCH, DC - 2 GHz

HMC226 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC226 Datasheet PDF - Hittite Microwave Corporation

Part # HMC226
Download  HMC226 Click to download

File Size   180.99 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC 3V SOT26 TRANSMT / RECEIVE SWITCH, DC - 2 GHz

HMC226 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC226

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC226 HITTITE-HMC226 Datasheet
179Kb / 6P
GaAs MMIC 3V SOT26 TRANSMIT/RECEIVE SWITCH, DC - 2.0 GHz
HMC226 HITTITE-HMC226 Datasheet
264Kb / 6P
GaAs MMIC 3V SOT26 TRANSMIT RECEIVE SWITCH, DC - 2.0 GHz
HMC226 HITTITE-HMC226 Datasheet
196Kb / 6P
GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
HMC226E HITTITE-HMC226E Datasheet
196Kb / 6P
GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
HMC226 HITTITE-HMC226_05 Datasheet
196Kb / 6P
GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
More results


Similar Description - HMC226

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC226 HITTITE-HMC226 Datasheet
179Kb / 6P
GaAs MMIC 3V SOT26 TRANSMIT/RECEIVE SWITCH, DC - 2.0 GHz
HMC197 HITTITE-HMC197_06 Datasheet
225Kb / 6P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221_06 Datasheet
272Kb / 6P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC226 HITTITE-HMC226_06 Datasheet
264Kb / 6P
GaAs MMIC 3V SOT26 TRANSMIT RECEIVE SWITCH, DC - 2.0 GHz
HMC197 HITTITE-HMC197_05 Datasheet
166Kb / 6P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221_00 Datasheet
201Kb / 6P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC226 HITTITE-HMC226_05 Datasheet
196Kb / 6P
GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
221E HITTITE-221E Datasheet
194Kb / 4P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC226 HITTITE-HMC226_10 Datasheet
180Kb / 4P
GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
logo
Analog Devices
HMC197BE AD-HMC197BE Datasheet
432Kb / 4P
GaAs MMIC SOT26 SPDT SWITCH, DC- 3 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com