Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU401 Datasheet (PDF) - Fuji Electric

KBU401 Datasheet PDF - Fuji Electric
Part # KBU401
Download  KBU401 Download
File Size   625.97 Kbytes
Page   1 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 4 AMP SILICON BRIDGE RECTIFIER

KBU401 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBU401 Datasheet PDF - Fuji Electric

Part # KBU401
Download  KBU401 Click to download

File Size   625.97 Kbytes
Page   1 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 4 AMP SILICON BRIDGE RECTIFIER

KBU401 Datasheet (HTML) - Fuji Electric


KBU401 Product details

FEATURES
• Rating to 1000V PRV
• Ideal for printed circuit board
• Surge overload rating to 2000 Amperes peak
• Reliable low cost construction utilizing molded plastic technique
• UL recognized: File #E106441
• UL recognized 94V-O plastic material




Similar Part No. - KBU401

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU401 WTE-KBU401 Datasheet
42Kb / 3P
4.0A BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBU401 ETC1-KBU401 Datasheet
100Kb / 1P
BRIDGE RECTIFIERS 2.0 to 8.0 Amps
logo
Won-Top Electronics
KBU401 WTE-KBU401 Datasheet
50Kb / 4P
4.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBU401 TSC-KBU401 Datasheet
54Kb / 2P
Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
KBU401 TSC-KBU401 Datasheet
168Kb / 2P
Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
More results


Similar Description - KBU401

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
KBJ4005G FUJI-KBJ4005G Datasheet
751Kb / 1P
4 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
KBL005 FUJI-KBL005 Datasheet
632Kb / 1P
4 AMP SILICON BRIDGE RECTIFIER
KBPC25005 FUJI-KBPC25005 Datasheet
680Kb / 1P
25 AMP SILICON BRIDGE RECTIFIER
KBPC35005 FUJI-KBPC35005 Datasheet
718Kb / 1P
35 AMP SILICON BRIDGE RECTIFIER
KBPC6005 FUJI-KBPC6005 Datasheet
794Kb / 1P
6 AMP SILICON BRIDGE RECTIFIER
KBPC8005 FUJI-KBPC8005 Datasheet
799Kb / 1P
8 AMP SILICON BRIDGE RECTIFIER
KBU10005 FUJI-KBU10005 Datasheet
791Kb / 1P
10 AMP SILICON BRIDGE RECTIFIER
KBU6005 FUJI-KBU6005 Datasheet
719Kb / 1P
6 AMP SILICON BRIDGE RECTIFIER
KBU8005 FUJI-KBU8005 Datasheet
641Kb / 1P
8 AMP SILICON BRIDGE RECTIFIER
logo
Central Semiconductor C...
CBRDFA4-100 CENTRAL-CBRDFA4-100 Datasheet
752Kb / 6P
SURFACE MOUNT SILICON 4 AMP BRIDGE RECTIFIER
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com