Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS1F-B-48V-F Datasheet (PDF) - Panasonic Semiconductor

JS1F-B-48V-F Datasheet PDF - Panasonic Semiconductor
Part # JS1F-B-48V-F
Download  JS1F-B-48V-F Download
File Size   740.27 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1a/1c 10A cubic type power relay

JS1F-B-48V-F Datasheet (PDF)

Go To PDF Page Download Datasheet
JS1F-B-48V-F Datasheet PDF - Panasonic Semiconductor

Part # JS1F-B-48V-F
Download  JS1F-B-48V-F Click to download

File Size   740.27 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1a/1c 10A cubic type power relay

JS1F-B-48V-F Datasheet (HTML) - Panasonic Semiconductor


JS1F-B-48V-F Product details

1a/1c 10A cubic type power relays

FEATURES
• Miniature size with universal terminal footprint
• High contact capacity: 10 A
• TV-5 type available (Standard type)
  1 Form A type →TV-5
  1 Form C type →TV-5 (N.O. side only)
• VDE, TÜV also approved
• Sealed construction for automatic cleaning (Standard type)
• Class B and F coil insulation type also available.
• EN60335-1 GWT compliant (Tested by VDE) type available
• Surge voltage 6 kV type also available

TYPICAL APPLICATIONS
1. Home appliances Air conditioner, heater, etc.
2. Office machines PPC, facsimile, etc.
3. Vending machines




Similar Part No. - JS1F-B-48V-F

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JS1F-B-48V NAIS-JS1F-B-48V Datasheet
70Kb / 3P
ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
More results


Similar Description - JS1F-B-48V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
1a/1c 5A/10A small power relays
JS1A-5V-F PANASONIC-JS1A-5V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays Surge voltage 6 kV type also available
logo
Omron Electronics LLC
G5LA14CFDC24 OMRON-G5LA14CFDC24 Datasheet
555Kb / 5P
A Cubic, Single-pole 10A Power Relay
logo
Panasonic Semiconductor
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
1a/1c 10A cubic type power relays
JS1F-5V-F PANASONIC-JS1F-5V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
JS1AF-B-24V-F PANASONIC-JS1AF-B-24V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
JS1-B-18V PANASONIC-JS1-B-18V Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
logo
List of Unclassifed Man...
G5LA1ECF12DC ETC2-G5LA1ECF12DC Datasheet
176Kb / 5P
A Cubic, Single-pole 10A Power Relay
logo
Panasonic Semiconductor
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
1a/1c 10A cubic type power relays
logo
Omron Electronics LLC
G5LE OMRON-G5LE_V01 Datasheet
137Kb / 4P
Cubic, Single-pole 10A Power Relay
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com