Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFOI025 Datasheet (PDF) - OPLINK Communications Inc.

CFOI025 Datasheet PDF - OPLINK Communications Inc.
Part # CFOI025
Download  CFOI025 Download
File Size   192.89 Kbytes
Page   2 Pages
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.
Description 25GHz Compact Fiber Optical Interleaver

CFOI025 Datasheet (PDF)

Go To PDF Page Download Datasheet
CFOI025 Datasheet PDF - OPLINK Communications Inc.

Part # CFOI025
Download  CFOI025 Click to download

File Size   192.89 Kbytes
Page   2 Pages
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.
Description 25GHz Compact Fiber Optical Interleaver

CFOI025 Datasheet (HTML) - OPLINK Communications Inc.




Similar Part No. - CFOI025

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CFOI025-S0387 OPLINK-CFOI025-S0387 Datasheet
192Kb / 2P
Green 25GHz Compact Fiber Optical Interleaver
More results


Similar Description - CFOI025

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FINF050-100CLA1 FINISAR-FINF050-100CLA1 Datasheet
164Kb / 2P
50GHz Interleaver
logo
OPLINK Communications I...
CFOI100 OPLINK-CFOI100 Datasheet
200Kb / 2P
Optical Interleaver
CFOI050100CE111 OPLINK-CFOI050100CE111 Datasheet
238Kb / 2P
50GHz Compact Fiber Optical Interleaver
CFOI025-S0387 OPLINK-CFOI025-S0387 Datasheet
192Kb / 2P
Green 25GHz Compact Fiber Optical Interleaver
CFOI050-S0004 OPLINK-CFOI050-S0004 Datasheet
347Kb / 2P
Green 50GHz Compact Fiber Optical Interleaver
CFOI100-S0005 OPLINK-CFOI100-S0005 Datasheet
218Kb / 2P
100GHz Compact Fiber Optical Interleaver
DURA-S0317 OPLINK-DURA-S0317 Datasheet
176Kb / 2P
Optical Fiber Switch
CFOI050 OPLINK-CFOI050 Datasheet
347Kb / 2P
50GHz Compact Fiber Optical Interleaver
CFOI100 OPLINK-CFOI100 Datasheet
231Kb / 2P
100GHz Compact Fiber Optical Interleaver
logo
Roithner LaserTechnik G...
FCC-6512-5 ROITHNER-FCC-6512-5 Datasheet
99Kb / 2P
Optical Fiber Checker
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com