Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3782P Datasheet (PDF) - fujitsu semiconductor

MB3782P Datasheet PDF - fujitsu semiconductor
Part # MB3782P
Download  MB3782P Download
File Size   248.98 Kbytes
Page   28 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Switching Regulator Controller

MB3782P Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3782P Datasheet PDF - fujitsu semiconductor

Part # MB3782P
Download  MB3782P Click to download

File Size   248.98 Kbytes
Page   28 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Switching Regulator Controller

MB3782P Datasheet (HTML) - fujitsu semiconductor


MB3782P Product details

■ DESCRIPTION
The FUJITSU MB3782 is a PWM-type switching regulator controller, designed with open-collector output for connection to external drive transistors and coils, providing a selection of three types of output voltage: step-up, step-down or inverting (inverting output is available on one circuit only).
The MB3782 features identical oscillator output waveforms to enable completely synchronous operation and prevent the occurrence of low-frequency beat between channels.
Also, the MB3782 features low power dissipation (2.1 mA Typ) and a built-in standby mode (10 µA), making possible the configuration of a wide variety of high-efficiency, stable power supplies, even with the use of battery power. The MB3782 is an ideal power supply for high-performance portable devices such as video camcorders and cameras.

■ FEATURES
• Wide voltage range (3.6 V to 18 V)
• Low power dissipation (operating mode: 2.1 mA (Typ), standby mode: 10 µA (Max)
• Wide range of oscillator frequencies, high-frequency capability (1 to 500 kHz)
• On-chip timer-latch type short detection circuit
• On-chip undervoltage lockout circuit
• On-chip 2.50 V reference voltage circuit (1.25 V output available at RT pin)
• Dead time adjustment over full duty cycle range
• On-chip standby mode (power on/off function)




Similar Part No. - MB3782P

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3782P FUJITSU-MB3782P Datasheet
226Kb / 27P
ASSP Power Supplies BIPOLAR Switching Regulator Controller
MB3782PF FUJITSU-MB3782PF Datasheet
226Kb / 27P
ASSP Power Supplies BIPOLAR Switching Regulator Controller
More results


Similar Description - MB3782P

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
SWITCHING REGULATOR CONTROLLER
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
Switching Regulator Controller
logo
fujitsu semiconductor
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
Switching Regulator Controller
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
SWITCHING REGULATOR CONTROLLER
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
SWITCHING REGULATOR CONTROLLER
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com