Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3790PFT Datasheet (PDF) - fujitsu semiconductor

MB3790PFT Datasheet PDF - fujitsu semiconductor
Part # MB3790PFT
Download  MB3790PFT Download
File Size   192.64 Kbytes
Page   21 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Battery Backup IC

MB3790PFT Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3790PFT Datasheet PDF - fujitsu semiconductor

Part # MB3790PFT
Download  MB3790PFT Click to download

File Size   192.64 Kbytes
Page   21 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Battery Backup IC

MB3790PFT Datasheet (HTML) - fujitsu semiconductor


MB3790PFT Product details

■DESCRIPTION

The MB3790 is designed to control power supplies to SRAM, logic IC, or other circuit devices and protects them against momentary power failures by using backup batteries. In addition to its function to supply the power to these devices, it has a function to switch the source of power to the primary or secondary backup battery when the power supply voltage drops below a predetermined level. Also, it outputs a reset signal when the power supply turns on or off or when a fault occurs in the power supply. Ideally designed as a single-chip IC for power supply control, the MB3790 consumes only a minimal current and comes in a thin-type package. Therefore, it is best suited for power supply control in memory cards and similar other devices.



■FEATURES

• Input circuit current consumption when non-loaded: 50 µA [typ]

• Output drive current: 200 mA [max]

• Resistance between input and output: 0.5 ohms [typ]

• Input power-down detection level: 4.2 V ± 2.5 %

• On-chip power-on reset circuit

• Primary battery voltage-down detection levels: 2.65 V, 2.37 V




Similar Part No. - MB3790PFT

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3793 FUJITSU-MB3793 Datasheet
192Kb / 20P
POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-27A FUJITSU-MB3793-27A Datasheet
305Kb / 25P
Power Voltage Monitoring IC with Watchdog Timer
logo
Cypress Semiconductor
MB3793-27A CYPRESS-MB3793-27A Datasheet
610Kb / 30P
Precise detection of power voltage fall: 2.5%
logo
fujitsu semiconductor
MB3793-27APF FUJITSU-MB3793-27APF Datasheet
305Kb / 25P
Power Voltage Monitoring IC with Watchdog Timer
MB3793-27APFV FUJITSU-MB3793-27APFV Datasheet
305Kb / 25P
Power Voltage Monitoring IC with Watchdog Timer
More results


Similar Description - MB3790PFT

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
BATTERY BACKUP IC
logo
Rohm
BD4201FV ROHM-BD4201FV Datasheet
86Kb / 9P
Battery Backup IC
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
Battery Backup Switching IC
NJU7287 NJRC-NJU7287 Datasheet
204Kb / 11P
Battery Backup Switching IC
logo
Seiko Instruments Inc
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
BATTERY BACKUP SWITCHING IC
S8424A SII-S8424A Datasheet
2Mb / 46P
BATTERY BACKUP SWITCHING IC
S8425 SII-S8425 Datasheet
2Mb / 45P
BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
BATTERY BACKUP SWITCHING IC
Rev.4.0_00
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com