Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3832A Datasheet (PDF) - fujitsu semiconductor

MB3832A Datasheet PDF - fujitsu semiconductor
Part # MB3832A
Download  MB3832A Download
File Size   219.13 Kbytes
Page   23 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description DC/DC Converter IC for Charging

MB3832A Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3832A Datasheet PDF - fujitsu semiconductor

Part # MB3832A
Download  MB3832A Click to download

File Size   219.13 Kbytes
Page   23 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description DC/DC Converter IC for Charging

MB3832A Datasheet (HTML) - fujitsu semiconductor


MB3832A Product details

■ DESCRIPTION
The MB3832A is a pulse width modulation (PWM) DC/DC converter IC, incorporating a current detector amplifier and error amplifiers (2 circuits) to control the output voltage and current independently. It is suitable for downconversion.
With an on-chip reference voltage generator, the MB3832A is best suited for use in applications such as lithiumion battery (1-cell to 3-cell) chargers.

■ FEATURES
• High precision reference voltage source: 2.5 V ± 0.5% (+25°C)
                                                                  : 2.5 V ± 1.0% (–10°C to +85°C)
• High frequency operating capability: 500 kHz Max.
• Wide operating supply voltage range: 3.6 V to 18 V
• On-chip current detector amplifier with wide in-phase input voltage range: 0 V to VCC
• On-chip standby function
• On-chip triangular waveform oscillator capable of operating in external synchronization
• On-chip, timer-latch short-circuit protection circuit
• Internal totem-pole output stage supporting P-channel MOS FETs and PNP transistors




Similar Part No. - MB3832A

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3832A FUJITSU-MB3832A Datasheet
216Kb / 24P
DC/DC Converter IC for Charging
MB3832APFV FUJITSU-MB3832APFV Datasheet
216Kb / 24P
DC/DC Converter IC for Charging
MB3832A FUJITSU-MB3832A_03 Datasheet
216Kb / 24P
DC/DC Converter IC for Charging
More results


Similar Description - MB3832A

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3874 FUJITSU-MB3874 Datasheet
323Kb / 28P
DC/DC Converter IC for Parallel Charging
MB3875 FUJITSU-MB3875 Datasheet
293Kb / 27P
DC/DC Converter IC for Charging
MB3878 FUJITSU-MB3878 Datasheet
283Kb / 24P
DC/DC Converter IC for Charging
MB3888 FUJITSU-MB3888 Datasheet
421Kb / 30P
DC/DC Converter IC for Charging Li-ion Battery
MB3887 FUJITSU-MB3887 Datasheet
383Kb / 33P
DC/DC Converter IC for Charging Li-ion battery
logo
Fuji Electric
MB39A114 FUJI-MB39A114 Datasheet
640Kb / 54P
DC/DC Converter IC for Charging Li-ion Battery
logo
fujitsu semiconductor
MB3875 FUJITSU-MB3875_03 Datasheet
275Kb / 26P
DC/DC Converter IC for Charging
MB3887 FUJITSU-MB3887_06 Datasheet
416Kb / 34P
DC/DC Converter IC for Charging Li-ion battery
MB39A125 FUJITSU-MB39A125 Datasheet
740Kb / 64P
DC/DC Converter IC for Charging Li-ion Battery
MB3832A FUJITSU-MB3832A_03 Datasheet
216Kb / 24P
DC/DC Converter IC for Charging
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com