Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3891 Datasheet (PDF) - fujitsu semiconductor

MB3891 Datasheet PDF - fujitsu semiconductor
Part # MB3891
Download  MB3891 Download
File Size   446.12 Kbytes
Page   29 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Power Management IC for GSM Mobile Phone

MB3891 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3891 Datasheet PDF - fujitsu semiconductor

Part # MB3891
Download  MB3891 Click to download

File Size   446.12 Kbytes
Page   29 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Power Management IC for GSM Mobile Phone

MB3891 Datasheet (HTML) - fujitsu semiconductor


MB3891 Product details

■ DESCRIPTION
MB3891 is intended to be used in future GSM-phones, Dual Band phones and Dual Mode phones. It contains all the necessary functions to support all Digital, Analog and RF blocks in these phones. A Charge-pump including a Logic Level Translation circuit is built in to support SIM-card (SmartCard) of both 3 and 5 Volt technology. The circuit contains a charger for a rechargeable Lithium coin cell of a Real Time Clock.
A complex control circuit is built in to generate main reset and to turn on and off the different LDO’s.

■ FEATURES
• Supply voltage range : 3 V to 5.5 V
• Low power consumption current during standby : 400 µA (MAX)
• 6-channel low-saturation voltage type series regulator
    : 2.1 V/2 channels, 2.8 V/3 channels, 2.5 V/2.8 V switch
• Error prevention function during Low voltage
• Power on reset function
• 3 V/5 V SW for SIM-Card
• SIM interface function
• Backflow prevention function for Battery-Backup
• Temperature prevention function




Similar Part No. - MB3891

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3892 FUJITSU-MB3892 Datasheet
503Kb / 40P
Power Management IC for Mobile Phone
MB3892PFF FUJITSU-MB3892PFF Datasheet
503Kb / 40P
Power Management IC for Mobile Phone
MB3893A FUJITSU-MB3893A Datasheet
496Kb / 44P
Power Management IC for Mobile Phone
MB3893APFT FUJITSU-MB3893APFT Datasheet
496Kb / 44P
Power Management IC for Mobile Phone
MB3893APFV FUJITSU-MB3893APFV Datasheet
496Kb / 44P
Power Management IC for Mobile Phone
More results


Similar Description - MB3891

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3892 FUJITSU-MB3892 Datasheet
503Kb / 40P
Power Management IC for Mobile Phone
MB3893A FUJITSU-MB3893A Datasheet
496Kb / 44P
Power Management IC for Mobile Phone
logo
Hitachi Semiconductor
PF0121 HITACHI-PF0121 Datasheet
51Kb / 12P
MOS FET Power Amplifier Module for GSM Mobile Phone
logo
Global Mixed-mode Techn...
G5800 GMT-G5800 Datasheet
791Kb / 1P
Mobile Phone Power Management System
logo
Rohm
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
Power management IC for cellular phone
BH6054GU ROHM-BH6054GU Datasheet
394Kb / 6P
Power management LSI for mobile phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
Power management IC for cellular phone
BH6955GU ROHM-BH6955GU Datasheet
385Kb / 6P
Power management LSI for mobile phone
BH6056GU ROHM-BH6056GU Datasheet
354Kb / 6P
Power management LSI for mobile phone
BD71801GWL ROHM-BD71801GWL Datasheet
2Mb / 79P
Power Management LSI for Mobile Phone
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com