Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB40166 Datasheet (PDF) - fujitsu semiconductor

MB40166 Datasheet PDF - fujitsu semiconductor
Part # MB40166
Download  MB40166 Download
File Size   697.18 Kbytes
Page   20 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description AD/DA CONVERTER

MB40166 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40166 Datasheet PDF - fujitsu semiconductor

Part # MB40166
Download  MB40166 Click to download

File Size   697.18 Kbytes
Page   20 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description AD/DA CONVERTER

MB40166 Datasheet (HTML) - fujitsu semiconductor


MB40166 Product details

1-CHANNEL 6-BIT AD/DA CONVERTER WITH CLAMP CIRCUIT

The Fujitsu MB40166 and MB40176 are low power 6-bit AD/DA converter which is fabricated with Fujitsu Advanced Bipolar Technology. MB40166 and MB40176 have the same basic circuits and functions, with the only difference being that MB40166 has an independent analog input terminal for the A/D section and a clamp voltage output terminal, while MB40176 has an analog input in the A/D section internally connected with the clamp circuit.
Since both models contain a single-chip clamp circuit and a reference voltage circuit, they are ideal for video signal processing.

• Resolution :6 bits
• Linearity Error :±0.8% max.
• Maximum Conversion Rate :20 MSPS min.
• Analog Input Voltage Range :VREF to VCCA (MB40166) 0 to 1.0 V (MB40176)
• Analog Output Voltage Range :VCC to VCC -1 V
• Digital I/O Level :TTL Level
• Power Supply Voltage :+5 V
• Power Dissipation:300 mW typ.
• Package
   28pin Plastic FLAT Package (Suffix : -PF)
   28pin Plastic DIP Package (Suffix : -P)




Similar Part No. - MB40166

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40168 FUJITSU-MB40168 Datasheet
687Kb / 21P
Single Chip 8-Bit A/D and 9-Bit D/A Converter
More results


Similar Description - MB40166

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5482 AKM-AK5482 Datasheet
73Kb / 13P
10 BIT 20MHZ AD CONVERTER
logo
Toshiba Semiconductor
TC90A58F TOSHIBA-TC90A58F Datasheet
349Kb / 36P
3-Channel AD Converter
logo
Intersil Corporation
HI2555 INTERSIL-HI2555 Datasheet
758Kb / 11P
1-Bit, AD/DA Converter For Audio Application
September 1997
HI2570 INTERSIL-HI2570 Datasheet
637Kb / 8P
1-Bit AD/DA Converter For Audio Application
September 1997
logo
Toshiba Semiconductor
TC9250F TOSHIBA-TC9250F Datasheet
300Kb / 9P
16 BIT RESISTER STRINGS DA CONVERTER
19-Jun-2001
logo
List of Unclassifed Man...
AD7819YR-REEL7 ETC2-AD7819YR-REEL7 Datasheet
34Kb / 1P
8-BIT SAMPLING AD CONVERTER
logo
Analog Devices
AD574AJN AD-AD574AJN Datasheet
781Kb / 12P
Complete 12-bit AD Converter
REV. B
AD7570 AD-AD7570_15 Datasheet
3Mb / 12P
10-Bit Monolithic AD Converter
logo
KODENSHI_AUK CORP.
TPSMD02-1 KODENSHI-TPSMD02-1 Datasheet
233Kb / 2P
AD converter bit count 10Bit
logo
Toshiba Semiconductor
TC9287AF TOSHIBA-TC9287AF Datasheet
541Kb / 15P
2 CHANNEL 1BIT AD/DA CONVERTER FOR AUDIO
2000-03-01
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com