Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB40760 Datasheet (PDF) - fujitsu semiconductor

MB40760 Datasheet PDF - fujitsu semiconductor
Part # MB40760
Download  MB40760 Download
File Size   129.98 Kbytes
Page   17 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 1CHANNEL 10-BIT D/A CONVERTER

MB40760 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40760 Datasheet PDF - fujitsu semiconductor

Part # MB40760
Download  MB40760 Click to download

File Size   129.98 Kbytes
Page   17 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 1CHANNEL 10-BIT D/A CONVERTER

MB40760 Datasheet (HTML) - fujitsu semiconductor


MB40760 Product details

■ DESCRIPTION
MB40760 is a low-power consumption, high-speed 10-bit D/A converter.
The MB40760 is characterized by TTL compatible digital inputs, an analog output voltage from 3 to 5V, and a maximum conversion rate of 60 MHz. It provides a reference voltage from a potential divider and band-gap reference, and can also use an external reference voltage.
The MB40760 D/A converter is suitable for high-resolution TVs or VTRs.

■ FEATURES
• Resolution: 10 bits
• Conversion characteristics:
    Maximum conversion rate: 60 MHz (Minimum)
    Linearity error: ±0.1% (Maximum)
    Differential linearity error. ±0.1% (Maximum)
• Input and output:
    Digital input voltage: TTL levels
    Analog output voltage: 2 VP-P (3V to 5V)
• Reference voltage
    VROUT1: Potential divider circuit (0.6 VCCA)
    VROUT2: Band-gap reference circuit (VCCA-2V)
• Others
    Supply voltage: +5V single power supply
    Power dissipation: 180 mW (Typical value at analog output voltage 2 VP-P)
                                   140 mW (Typical value at analog output voltage 1 VP-P)




Similar Part No. - MB40760

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40768H FUJITSU-MB40768H Datasheet
132Kb / 16P
D/A Converter (1-ch, 8-bit, 60 MSPS)
MB40768HP FUJITSU-MB40768HP Datasheet
132Kb / 16P
D/A Converter (1-ch, 8-bit, 60 MSPS)
MB40768HPF FUJITSU-MB40768HPF Datasheet
132Kb / 16P
D/A Converter (1-ch, 8-bit, 60 MSPS)
More results


Similar Description - MB40760

ManufacturerPart #DatasheetDescription
logo
NEC
UPC667 NEC-UPC667 Datasheet
73Kb / 12P
10-BIT D/A CONVERTER
logo
Sony Corporation
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
10-bit 125MSPS D/A Converter
logo
Analog Devices
AD571 AD-AD571 Datasheet
295Kb / 8P
10-Bit A/D Converter
AD573 AD-AD573 Datasheet
327Kb / 8P
10-Bit A/D Converter
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
10-BIT A-D CONVERTER
logo
Intersil Corporation
KAD5510P-50 INTERSIL-KAD5510P-50 Datasheet
430Kb / 26P
10-Bit, 500MSPS A/D Converter
December 5, 2008
logo
Analog Devices
5962-8850501RA AD-5962-8850501RA Datasheet
593Kb / 10P
10-Bit A/D Converter
REV. B
logo
Intersil Corporation
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
10-Bit, 500MSPS A/D Converter
July 25, 2011
logo
Analog Devices
AD571 AD-AD571_17 Datasheet
563Kb / 9P
10-Bit A/D Converter
4/12-Rev. A to Rev. B
AD573 AD-AD573_17 Datasheet
517Kb / 11P
10-Bit A/D Converter
23-Feb-2017
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com