Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB40958 Datasheet (PDF) - fujitsu semiconductor

MB40958 Datasheet PDF - fujitsu semiconductor
Part # MB40958
Download  MB40958 Download
File Size   148.66 Kbytes
Page   11 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 3-Channel 8-Bit D/A Converter

MB40958 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40958 Datasheet PDF - fujitsu semiconductor

Part # MB40958
Download  MB40958 Click to download

File Size   148.66 Kbytes
Page   11 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 3-Channel 8-Bit D/A Converter

MB40958 Datasheet (HTML) - fujitsu semiconductor


MB40958 Product details

■ DESCRIPTION
The MB40958 is an 8-bit resolution high-speed digital-to-analog converter, designed for video processing applications.
The MB40958 has 8-bit resolution 3 channel D/A converters. Digital signals are input to the 8-bit digital input ports, and the input digital data are converted to the analog signals in minimum 60 Mega sample per seconds (MSPS).The analog output voltage is provided in a range of DC +3V to +5V (2Vp-p level) .
The MB40958 is fabricated by the Fujitsu’s advanced bipolar process and housed in a 48-pin plastic QFP.
The MB40958 is designed for video signal processing applications, and it is suitable for TVS and VCRS.

■ FEATURES
• 8-bit x 3 channels D/A converters
• Max. 60 MHz input clock frequency providing 60 MSPS data conversion rate
• Linearity error : Max. +/-0.2%
• Analog input voltage range : 3V to 5V (2Vp-p level)
• Digital input voltage level : TTL level
• On-chip reference voltage outputs :
    – Output by resistor divided (0.6 x VCCA)
    – Output by band gap reference (VCCA - 2[V] )
• Low power consumption : Typical 400mW at 2Vp-p analog output voltage
                                            Typical 300mW at 1Vp-p analog output voltage
• Single +5V power supply
• Operating temperature range : -20°c to +70°c
• Fujitsu’s advanced bipolar process
• Package : 48-pin plastic QFP (Suffix : -PF)




Similar Part No. - MB40958

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40950 FUJITSU-MB40950 Datasheet
215Kb / 11P
3-Channel 10-Bit D/A Converter
More results


Similar Description - MB40958

ManufacturerPart #DatasheetDescription
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
3-channel, 8-bit D / A converter
BU3618K ROHM-BU3618K Datasheet
63Kb / 6P
3-channel 8-bit D / A converter
logo
Sanyo Semicon Device
LC89080 SANYO-LC89080 Datasheet
107Kb / 8P
Video Signal 3-Channel 8-Bit D/A Converter
logo
Sony Corporation
CXD1178Q SONY-CXD1178Q Datasheet
233Kb / 15P
8-bit 40MSPS RGB 3-channel D/A Converter
logo
fujitsu semiconductor
MB40978 FUJITSU-MB40978 Datasheet
208Kb / 12P
3-Channel 8-Bit RGB D/A Converter
MB40988 FUJITSU-MB40988 Datasheet
363Kb / 11P
3-Channel 8-Bit D/A Converter
logo
Intersil Corporation
HI1178 INTERSIL-HI1178_05 Datasheet
428Kb / 11P
Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
October 25, 2005
logo
Renesas Technology Corp
M62343GP RENESAS-M62343GP Datasheet
104Kb / 8P
8-Bit, 3-Channel D/A Converter (Buffered)
M62343GP RENESAS-M62343GP_08 Datasheet
119Kb / 8P
8-Bit, 3-Channel D/A Converter (Buffered)
HI1178 RENESAS-HI1178 Datasheet
591Kb / 11P
Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com