Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB40C318V Datasheet (PDF) - fujitsu semiconductor

MB40C318V Datasheet PDF - fujitsu semiconductor
Part # MB40C318V
Download  MB40C318V Download
File Size   171.34 Kbytes
Page   16 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit 140 MSPS A/D Converter

MB40C318V Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40C318V Datasheet PDF - fujitsu semiconductor

Part # MB40C318V
Download  MB40C318V Click to download

File Size   171.34 Kbytes
Page   16 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit 140 MSPS A/D Converter

MB40C318V Datasheet (HTML) - fujitsu semiconductor


MB40C318V Product details

■ DESCRIPTION
MB40C318V is a high-speed A/D converter using a fast CMOS technology.

■ FEATURES
• Resolution : 8 bit
• Linearity error : ±0.40% (standard)
• Maximum conversion rate : 140 MSPS (minimum)
• Power supply voltage : 5 V (standard: digital input)
                                        3.3 V (standard: A/D converter)
• Clock input voltage range : PECL level (140 MHz max differential input CLKEP, CLKEN)
                                              TTL level (70 MHz max two-phase input CLKA, CLKB)
• Digital input voltage range : TTL level (RESET)
                                               3.3 V CMOS level (CE, OE, CKSEL, DSEL)
• Digital output voltage range : 3.3 V CMOS level compatible
• Analog input voltage range : 0 to 3.0 V (2 Vp-p)
• Analog input capacitance : 22 pF (standard)
• Power dissipation : 300 mW (standard)
• Additional features : Reference voltage generator circuit: VREFT = 3.0 V, VREFB = 1.0 V
                                   High impedance output, power down function
                                   1:2 demultiplex output enable (RESET action enable)
                                   1/2 deviding clock output
                                   Cross sampling at 70 MHz (two-phase CLK) enable (CLKA, CLKB)
• Package : LQFP48 (7 mm × 7 mm, lead pitch 0.5 mm)




Similar Part No. - MB40C318V

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
8-bit 140 MSPS A/D Converter
MB40C318PFV FUJITSU-MB40C318PFV Datasheet
173Kb / 16P
8-bit 140 MSPS A/D Converter
More results


Similar Description - MB40C318V

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
6-BIT 140 MSPS FLASH A/D CONVERTER
logo
Analog Devices
AD9483 AD-AD9483 Datasheet
319Kb / 26P
Triple 8-Bit, 140 MSPS A/D Converter
REV.A
logo
fujitsu semiconductor
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
8-bit 140 MSPS A/D Converter
logo
Intersil Corporation
HI1826 INTERSIL-HI1826 Datasheet
52Kb / 8P
6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI3026A INTERSIL-HI3026A Datasheet
206Kb / 17P
8-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3086 INTERSIL-HI3086_00 Datasheet
894Kb / 18P
6-Bit, 140 MSPS, Flash A/D Converter
August 2000
HI3026A INTERSIL-HI3026A_03 Datasheet
724Kb / 17P
8-Bit, 140 MSPS, Flash A/D Converter
March 2003
logo
Analog Devices
AD9483 AD-AD9483_15 Datasheet
398Kb / 28P
Triple 8-Bit, 140 MSPS A/D Converter
REV. C
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com