Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB40C938V Datasheet (PDF) - fujitsu semiconductor

MB40C938V Datasheet PDF - fujitsu semiconductor
Part # MB40C938V
Download  MB40C938V Download
File Size   127.5 Kbytes
Page   13 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 20 MSPS 3ch 8-bit D/A Converter

MB40C938V Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40C938V Datasheet PDF - fujitsu semiconductor

Part # MB40C938V
Download  MB40C938V Click to download

File Size   127.5 Kbytes
Page   13 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 20 MSPS 3ch 8-bit D/A Converter

MB40C938V Datasheet (HTML) - fujitsu semiconductor


MB40C938V Product details

■ DESCRIPTION
The MB40C938V is a high-speed CMOS process-based D/A converter provided with the thtee-channel I/O for RGB, allowing for independent contorl of the three channels.

■ FEATURES
• Resolution : 8 bits
• Linearity error : ±0.5 LSB (max)
• Differential linearity error : ±1.0 LSB (max)
• Maximum conversion rate : 20 MSPS (min)
• Supply voltage : single +3 V
• Digital input voltage range : 3 V CMOS level
• Analog output voltage range : 1 Vp-p (0 to 1V)
• Dissipation power : 40 mW (standard: analog output for RL = 390 Ω, 1 Vp-p output)
• Additional capabilities : Reference voltage generatar, power saving function, independent 3-ch VREF
• Package : LQFP48




Similar Part No. - MB40C938V

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C950V FUJITSU-MB40C950V Datasheet
204Kb / 17P
85 MSPS 3ch 10-bit D/A Converter
MB40C950VPFQ FUJITSU-MB40C950VPFQ Datasheet
204Kb / 17P
85 MSPS 3ch 10-bit D/A Converter
MB40C950VPFV FUJITSU-MB40C950VPFV Datasheet
204Kb / 17P
85 MSPS 3ch 10-bit D/A Converter
MB40C958V FUJITSU-MB40C958V Datasheet
130Kb / 13P
50 MSPS 3ch 8-bit D/A Converter
MB40C958VPFV FUJITSU-MB40C958VPFV Datasheet
130Kb / 13P
50 MSPS 3ch 8-bit D/A Converter
More results


Similar Description - MB40C938V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0881 NSC-ADC0881 Datasheet
384Kb / 12P
8-Bit 20 MSPS Flash A/D Converter
logo
fujitsu semiconductor
MB40C348V FUJITSU-MB40C348V Datasheet
250Kb / 19P
3ch 8-bit 100 MSPS A/D Converter
MB40C950V FUJITSU-MB40C950V Datasheet
204Kb / 17P
85 MSPS 3ch 10-bit D/A Converter
MB40C958V FUJITSU-MB40C958V Datasheet
130Kb / 13P
50 MSPS 3ch 8-bit D/A Converter
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
8-Bit 20 MSPS A/D Converter
logo
List of Unclassifed Man...
SPT175 ETC1-SPT175 Datasheet
76Kb / 8P
8-BIT, 20 MSPS CMOS A/D CONVERTER
logo
Intersil Corporation
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI1175 INTERSIL-HI1175_05 Datasheet
280Kb / 13P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com