Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VA2004 Datasheet (PDF) - fujitsu semiconductor

MB84VA2004 Datasheet PDF - fujitsu semiconductor
Part # MB84VA2004
Download  MB84VA2004 Download
File Size   349.52 Kbytes
Page   29 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM

MB84VA2004 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB84VA2004 Datasheet PDF - fujitsu semiconductor

Part # MB84VA2004
Download  MB84VA2004 Click to download

File Size   349.52 Kbytes
Page   29 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM

MB84VA2004 Datasheet (HTML) - fujitsu semiconductor


MB84VA2004 Product details

■ FEATURES
• Power supply voltage of 2.7 to 3.6 V
• High performance
    100 ns maximum access time
• Operating Temperature
    –20 to +85°C

— FLASH MEMORY
• Minimum 100,000 write/erase cycles
• Sector erase architecture
    One 16 K byte, two 8 K bytes, one 32 K byte, and fifteen 64 K bytes.
    Any combination of sectors can be concurrently erased. Also supports full chip erase.
• Boot Code Sector Architecture
    MB84VA2004: Top sector
    MB84VA2005: Bottom sector
• Embedded EraseTM Algorithms
    Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM Algorithms
    Automatically writes and verifies data at specified address
• Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready-Busy output (RY/BY)
    Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
    When addresses remain stable, automatically switch themselves to low power mode.
• Low VCC write inhibit ≤ 2.5 V
• Erase Suspend/Resume
    Suspends the erase operation to allow a read in another sector within the same device
• Please refer to "MBM29LV800TA/BA" data sheet in detailed function

— SRAM
• Power dissipation
    Operating : 35 mA max.
    Standby : 30 µA max.
• Power down features using CE1s and CE2s
• Data retention supply voltage: 2.0 V to 3.6 V




Similar Part No. - MB84VA2004

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB84VA2000 FUJITSU-MB84VA2000 Datasheet
348Kb / 29P
8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM
MB84VA2000-10 FUJITSU-MB84VA2000-10 Datasheet
348Kb / 29P
8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM
MB84VA2001-10 FUJITSU-MB84VA2001-10 Datasheet
348Kb / 29P
8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM
MB84VA2002 FUJITSU-MB84VA2002 Datasheet
393Kb / 29P
8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2002-10 FUJITSU-MB84VA2002-10 Datasheet
393Kb / 29P
8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
More results


Similar Description - MB84VA2004

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LHF80V03 SHARP-LHF80V03 Datasheet
1Mb / 43P
Flash Memory 8M (1M x 8/512K x 160
logo
fujitsu semiconductor
MB84VA2000 FUJITSU-MB84VA2000 Datasheet
348Kb / 29P
8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM
MB84VA2002 FUJITSU-MB84VA2002 Datasheet
393Kb / 29P
8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2006 FUJITSU-MB84VA2006 Datasheet
393Kb / 29P
8M (x 8/x 16) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VA2104 FUJITSU-MB84VA2104 Datasheet
401Kb / 29P
16M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VA2106 FUJITSU-MB84VA2106 Datasheet
423Kb / 29P
16M (x16) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
MB84VD2002 FUJITSU-MB84VD2002 Datasheet
423Kb / 30P
8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VD2228XEA FUJITSU-MB84VD2228XEA Datasheet
1Mb / 63P
32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM
MB84VD2228 FUJITSU-MB84VD2228 Datasheet
1Mb / 63P
32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com