Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD21082 Datasheet (PDF) - fujitsu semiconductor

MB84VD21082 Datasheet PDF - fujitsu semiconductor
Part # MB84VD21082
Download  MB84VD21082 Download
File Size   850.4 Kbytes
Page   55 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM

MB84VD21082 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB84VD21082 Datasheet PDF - fujitsu semiconductor

Part # MB84VD21082
Download  MB84VD21082 Click to download

File Size   850.4 Kbytes
Page   55 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM

MB84VD21082 Datasheet (HTML) - fujitsu semiconductor


MB84VD21082 Product details

■ FEATURES
• Power supply voltage of 2.7 to 3.6 V
• High performance
    85 ns maximum access time
• Operating Temperature
    −25 to +85 °C
• Package 61-ball FBGA, 56-pin TSOP(I)

1. FLASH MEMORY
• Simultaneous Read/Write operations (dual bank)
    Miltiple devices available with different bank sizes
    Host system can program or erase in one bank, then immediately and simultaneously read from the other bank
    Zero latency between read and write operations
    Read-while-erase
    Read-while-program
• Minimum 100,000 write/erase cycles
• Sector erase architecture
    Eight 4 K words and thirty one 32 K words.
    Any combination of sectors can be concurrently erased. Also supports full chip erase.
• Boot Code Sector Architecture
    MB84VD2108X : Top sector
    MB84VD2109X : Bottom sector
• Embedded EraseTM* Algorithms
    Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM* Algorithms
    Automatically writes and verifies data at specified address
• Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready-Busy output (RY/BY)
    Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
    When addresses remain stable, automatically switch themselves to low power mode.
• Low VCCf write inhibit ≤ 2.5 V
• Hidden ROM (Hi-ROM) region
    64K byte of Hi-ROM, accessible through a new “Hi-ROM Enable” command sequence
    Factory serialized and protected to provide a secure electronic serial number (ESN)
• WP/ACC input pin
    At VIL, allows protection of boot sectors, regardless of sector protection/unprotection status
    (MB84VD2108X : SA37, SA38 MB84VD2109X : SA0, SA1)
    At VIH, allows removal of boot sector protection
    At VACC, program time will reduse by 40%.
• Erase Suspend/Resume
    Suspends the erase operation to allow a read in another sector within the same device
• Please refer to “MBM29DL16XTD/BD” data sheet in detailed function

2. SRAM
• Power dissipation
    Operating: 50 mA max.
    Standby: 7 µA max.
• Power down features using CE1s and CE2s
• Data retention supply voltage : 1.5 V to 3.6 V
• CE1s and CE2s Chip Select
• Byte data control : LBs (DQ0 to DQ7) , UBs (DQ8 to DQ15)




Similar Part No. - MB84VD21082

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD21082EM-70PBS SPANSION-MB84VD21082EM-70PBS Datasheet
859Kb / 53P
16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
More results


Similar Description - MB84VD21082

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB84VA2102 FUJITSU-MB84VA2102 Datasheet
422Kb / 29P
16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
16M (x8/x16) Flash Memory
logo
Samsung semiconductor
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
Sharp Corporation
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
16M (x8/x16) Flash Memory
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
8M (x8/x16) Flash Memory
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
8M (x8/x16) Flash Memory
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com