Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB86613 Datasheet (PDF) - fujitsu semiconductor

MB86613 Datasheet PDF - fujitsu semiconductor
Part # MB86613
Download  MB86613 Download
File Size   473.99 Kbytes
Page   36 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description IEEE 1394 Open HCI Controller

MB86613 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB86613 Datasheet PDF - fujitsu semiconductor

Part # MB86613
Download  MB86613 Click to download

File Size   473.99 Kbytes
Page   36 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description IEEE 1394 Open HCI Controller

MB86613 Datasheet (HTML) - fujitsu semiconductor


MB86613 Product details

■ DESCRIPTION
The MB86613 a high-performance, host-bus (PCI) and serial-bus (1394) controller chip for controlling transfer between the PCI and 1394 buses. This chip conforms to the PCI Standard Version 2.1 for PCI control, the IEEE 1394-1995 Standard for 1394 control, and the Open HCI Standard Version 1.0 for PCI-1394 control.

■ FEATURES
1. 1394 serial bus controller Unit
    • Compliant with IEEE 1394-1995 Standard
    • PHYsical and LINK layer modules integrated on a single chip
    • Three internal ports
    • Transfer rates of S100, S200, and S400 supported
    • On-chip PLL for generating 400-MHz (PHY) and 50-MHz (LINK) CLK signals
    • Built-in cycle master function
    • Bus management CSR (control and status register)
    • Six-conductor cable supported
    • Internal transceiver and comparator
    • Internal comparator for cable power detection

2. Context program controller unit
    • Compliant with Open HCI Standard (Draft 1.00)
    • Thirteen context program controllers integrated:
    • Internal 6-KB FIFO buffers
        Asynchronous Transmit DMA …2ch
            •Asynchronous response …1ch
            •Asynchronous request …1ch
        Isochronous Transmit DMA …4ch
        Receive DMA …7ch
            •Asynchronous response …1ch
            •Asynchronous request …1ch
            •Isochronous …4ch
    •SelfID …1ch
        Asynchronous Transmit FIFO …1.5 Kbyte
        isochronous Transmit FIFO …1.5 Kbyte
        Asynchronous/Isochronous Receive FIFO …3.0 Kbyte

3. PCI bus controller unit
    • Compliant with PCI Standard (Revision 2.2)
    • On-chip 32-bit DMA controller
    • Built-in power management function (Compliant with PCI bus power management standard version 1.0)
    • Built-in alignment function
    • Built-in byte swap function
    • Operating frequency of up to 33 MHz
    • Internal parallel ROM interface
    • Internal serial ROM interface
    • Internal universal (5/3.3 V shared) PCI buffer

4. Physical specifications
    • Package: LQFP144 (FPT-144P-M08), FBGA176 (BGA-176P-M02)
    • Power-supply voltage: Dual system for 5 V (± 5%) and 3.3 V (± 5%)

5. Reference standards
    • IEEE Standard for a High Performance 1394-1995
    • 1394 Open Host Controller Interface Specification (Release 1.00)
    • PCI Specification (Revision 2.2)
    • PCI Bus Power Management Interface Specification (Version 1.0)




Similar Part No. - MB86613

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86613S FUJITSU-MB86613S Datasheet
758Kb / 134P
IEEE1394 Open HCI Controller
More results


Similar Description - MB86613

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
IEEE 1394 LINK LAYER CONTROLLER
logo
fujitsu semiconductor
MB86612 FUJITSU-MB86612 Datasheet
574Kb / 40P
IEEE 1394 Bus Controller (for MPEG, DVC)
MB86615 FUJITSU-MB86615 Datasheet
633Kb / 48P
IEEE 1394 Bus Controller (for DVC)
MB86619 FUJITSU-MB86619 Datasheet
39Kb / 2P
IEEE 1394 Serial Bus Controller for DTV
logo
National Semiconductor ...
CS4210 NSC-CS4210 Datasheet
1Mb / 102P
IEEE 1394 OHCI Controller
logo
fujitsu semiconductor
MB86613S FUJITSU-MB86613S Datasheet
758Kb / 134P
IEEE1394 Open HCI Controller
logo
Texas Instruments
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
(PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
(PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
logo
Assmann Electronics Inc...
AB-1394-1-R ASSMANN-AB-1394-1-R Datasheet
301Kb / 1P
IEEE 1394 ADAPTOR
AB-1394-5-R ASSMANN-AB-1394-5-R Datasheet
148Kb / 1P
IEEE 1394 Adaptor
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com