Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB86941 Datasheet (PDF) - fujitsu semiconductor

MB86941 Datasheet PDF - fujitsu semiconductor
Part # MB86941
Download  MB86941 Download
File Size   598.61 Kbytes
Page   49 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Peripheral LSI for SPARClite

MB86941 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB86941 Datasheet PDF - fujitsu semiconductor

Part # MB86941
Download  MB86941 Click to download

File Size   598.61 Kbytes
Page   49 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Peripheral LSI for SPARClite

MB86941 Datasheet (HTML) - fujitsu semiconductor


MB86941 Product details

■ DESCRIPTION
MB86941 and MB86942 are dedicated peripheral LSIs for SPARClite*.
The MB86941 and MB86942 are designed to enable compact configuration of high-performance systems with SPARClite architecture, and provide the following features.

■ FEATURES
Direct connection to SPARClite
    Register read/write in 2 clock cycles up to 30MHz.
    Register read/write in 3 clock cycles at 40MHz (MB86941) or 50MHz (MB86942).
Built-In On-Chip Modules:
    • Interrupt controller
        Interrupt input: 15 channels
        Each interrupt input has independent masking and trigger mode settings
• 16-bit timer: 4 channels
    Two of the four channels have prescalers
    Each channel has five independent mode operations
    MODE0 : Periodical-interrupt
    MODE1 : Timeout-interrupt
    MODE2 : Square wave generator
    MODE3: Programmable one shot (software trigger)
    MODE4: Programmable one shot (external trigger)
• SDTR (Serial data transmitter receiver): 2 channels MB89251A type
• Timing control, CS expansion
    Generates read, write and data strobe signals according to the requirements of external devices.
• SIO (Synchronous serial input/output)
    Simple synchronous type serial input/output
• I/O port, 16-bit
    Individual direction control by bit
5V single power supply (MB86941), 3.3V single power supply (MB86942) Upward pin compatibility with MB86940C




Similar Part No. - MB86941

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
MB86951 PULSE-MB86951 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
fujitsu semiconductor
MB86960 FUJITSU-MB86960 Datasheet
461Kb / 65P
NETWORK INTERFACE CONTROLLER with ENCODER/DECODER (NICE)
MB86960APF-G FUJITSU-MB86960APF-G Datasheet
461Kb / 65P
NETWORK INTERFACE CONTROLLER with ENCODER/DECODER (NICE)
logo
Pulse A Technitrol Comp...
MB86961 PULSE-MB86961 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
fujitsu semiconductor
MB86961A FUJITSU-MB86961A Datasheet
292Kb / 29P
UNIVERSAL INTERFACE FOR 10BASET
More results


Similar Description - MB86941

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1400AP NPC-SM1400AP Datasheet
109Kb / 4P
FOR GUITAR TUNER LSI
logo
Sanyo Semicon Device
LC8953 SANYO-LC8953 Datasheet
222Kb / 9P
General-Purpose 68000 MPU Peripheral Interface LSI
logo
List of Unclassifed Man...
YMU759 ETC-YMU759 Datasheet
394Kb / 18P
SYNTHESIS LSI FOR PORTABLE TELEPHONE
logo
Toshiba Semiconductor
JTMP0360-002S TOSHIBA-JTMP0360-002S Datasheet
2Mb / 50P
LSI for LCD Watches
logo
Panasonic Semiconductor
MN673794 PANASONIC-MN673794 Datasheet
670Kb / 42P
LSI FOR MPEG
MN6025 PANASONIC-MN6025 Datasheet
179Kb / 2P
MICROCOMPUTER and PERIPHERAL LSI
MN12861 PANASONIC-MN12861 Datasheet
633Kb / 20P
CMOS 1-chip Peripheral LSI 16-bit MPU
logo
List of Unclassifed Man...
MN6131S ETC1-MN6131S Datasheet
222Kb / 3P
NMOS LSI/NMOS LSI FOR TIMER
logo
Renesas Technology Corp
R-IN32M3 RENESAS-R-IN32M3_15 Datasheet
2Mb / 105P
LSI for Industrial Ethernet
R-IN32M3 RENESAS-R-IN32M3 Datasheet
1Mb / 116P
LSI for Industrial Ethernet
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com