Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88345 Datasheet (PDF) - fujitsu semiconductor

MB88345 Datasheet PDF - fujitsu semiconductor
Part # MB88345
Download  MB88345 Download
File Size   142.9 Kbytes
Page   14 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description D/A Converter for Digital Tuning (24-channel, 8-bit, on-chip OP amp)

MB88345 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB88345 Datasheet PDF - fujitsu semiconductor

Part # MB88345
Download  MB88345 Click to download

File Size   142.9 Kbytes
Page   14 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description D/A Converter for Digital Tuning (24-channel, 8-bit, on-chip OP amp)

MB88345 Datasheet (HTML) - fujitsu semiconductor


MB88345 Product details

■ DESCRIPTION
The MB88345 incorporates twenty-four 8-bit D/A converter modules.
It also contains an output amplifier, allowing driving at large current.
Since the inputs data in serial mode, it requires only three control lines for data input and can be cascaded.
The MB88345 is suitable for applications such as electronic volume controls and replacement of semi-fixed resistors in tuning systems.

■ FEATURES
• Ultra-low power consumption (1.1 mW/ch : typical)
• Compact space-saving package (QFP-32)
• Contains 24-channel R-2R type 8-bit D/A converter
• On-chip analog output amps (sink current max. 1.0 mA, source current max. 1.0 mA)
• Analog output range : 0 V to VCC
• Two separate power supply/ground lines for MCU interface block/operational amplifier output buffer block and D/A converter block
• Serial data input : maximum operating speed 2.5 MHz
• CMOS process




Similar Part No. - MB88345

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB88344 FUJITSU-MB88344 Datasheet
347Kb / 23P
8-Bit D/A Converter with Operational Amplifier Output Buffers
MB88344B FUJITSU-MB88344B Datasheet
347Kb / 23P
8-Bit D/A Converter with Operational Amplifier Output Buffers
MB88346B FUJITSU-MB88346B Datasheet
298Kb / 20P
R-2R TYPE 8-BIT D/A CONVERTER WITH OPERATIONAL AMPLIFIER OUTPUT BUFFERS
MB88346B FUJITSU-MB88346B Datasheet
207Kb / 17P
D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
MB88346B FUJITSU-MB88346B Datasheet
189Kb / 18P
D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
More results


Similar Description - MB88345

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
24-Bit Stereo A/D Converter for Digital Audio
logo
fujitsu semiconductor
MB40D001 FUJITSU-MB40D001 Datasheet
214Kb / 17P
D/A Converter for Digital Tuning
MB88141 FUJITSU-MB88141 Datasheet
250Kb / 20P
D/A Converter for Digital Tuning (With Built-in OP Amp and I/O Expander)
MB88146A FUJITSU-MB88146A Datasheet
274Kb / 20P
D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp., low-voltage)
MB88346L FUJITSU-MB88346L Datasheet
207Kb / 17P
D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
MB88347L FUJITSU-MB88347L Datasheet
169Kb / 16P
D/A Converter for Digital Tuning (8-channel, 8-bit, on-chip OP amp, low-voltage)
logo
Fuji Electric
E413511 FUJI-E413511 Datasheet
178Kb / 18P
D/A Converter for Digital Tuning
logo
fujitsu semiconductor
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
MB88346L FUJITSU-MB88346L_06 Datasheet
193Kb / 20P
D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com