Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89673R Datasheet (PDF) - fujitsu semiconductor

MB89673R Datasheet PDF - fujitsu semiconductor
Part # MB89673R
Download  MB89673R Download
File Size   795.95 Kbytes
Page   59 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89673R Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89673R Datasheet PDF - fujitsu semiconductor

Part # MB89673R
Download  MB89673R Click to download

File Size   795.95 Kbytes
Page   59 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89673R Datasheet (HTML) - fujitsu semiconductor


MB89673R Product details

■OUTLINE

The MB89670R/670AR series has been developed as a line of proprietary 8-bit, single-chip microcontrollers.

In addition to the F2MC*-8L family CPU core which can operate at low voltage but at high speed, the

microcontrollers contain pheripheral functions such as timers, a serial interface, a 10-bit A/D converter, a UART, an 8/16-bit up/down counter/timer, and an external interrupt. The MB89670R/670AR series is applicable to a wide range of applications from consumer appliances to industrial equipment, including portable devices.



FEATURES

•F2MC-8L family CPU core

  Instruction set optimized for controllers

     Multiplication and division instructions

    16-bit arithmetic operations

    Test and branch instructions

    Bit manipulation instructions, etc.

• High-speed processing at low voltage

• Minimum execution time: 0.4 µs@3.5 V, 0.8 µs@2.7 V, 2.0 µs@2.2 V

• I/O ports: max. 69 channels

• Timers: 9 channels (MB89675AR/677AR/P677A/PV670A: 12 channels)

8-bit PWM timer: 3 channels (MB89675AR/677AR/P677A/PV670A: 6 channels) (also usable as a reload

timer or 8-bit PWM timer)

16-bit timer/counter

21-bit timebase timer

8/16-bit timer (8 bits ×2 channels or 16 bits)

8/16-bit up/down counter/timer (8 bits ×2 channels or 16 bits)

• 2-channel serial interfaces

  8-bit synchronized serial: 1 channel (Switchable transfer direction allows communication with various

equipment.) UART: 1 channel (internal full-duplex double buffer)

• External interrupts: 8 channels

   Eight channels are independent and capable of wake-up from low-power consumption modes (with an edge detection function).

• Buzzer output

• 10-bit A/D converter Input: 8 channels

• Low-power consumption modes

  Stop mode (Oscillation stops to minimize the current consumption.)

  Sleep mode (The CPU stops to reduce the current consumption to approx. 1/3 of normal.)

• Bus interface function

  Including hold and ready functions




Similar Part No. - MB89673R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89673R FUJITSU-MB89673R Datasheet
739Kb / 59P
8-bit Proprietary Microcontroller
MB89673RPF FUJITSU-MB89673RPF Datasheet
739Kb / 59P
8-bit Proprietary Microcontroller
MB89673RPFM FUJITSU-MB89673RPFM Datasheet
739Kb / 59P
8-bit Proprietary Microcontroller
More results


Similar Description - MB89673R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89160 FUJITSU-MB89160 Datasheet
845Kb / 53P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com