Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90591 Datasheet (PDF) - fujitsu semiconductor

MB90591 Datasheet PDF - fujitsu semiconductor
Part # MB90591
Download  MB90591 Download
File Size   714.28 Kbytes
Page   51 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Proprietary Microcontroller

MB90591 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB90591 Datasheet PDF - fujitsu semiconductor

Part # MB90591
Download  MB90591 Click to download

File Size   714.28 Kbytes
Page   51 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Proprietary Microcontroller

MB90591 Datasheet (HTML) - fujitsu semiconductor


MB90591 Product details

■ DESCRIPTION
The MB90590/590G series with two FULL-CAN*1 interfaces and FLASH ROM is especially designed for automo
tive and industrial applications. Its main features are two on board CAN Interfaces, which conform to V2.0 Part A and Part B, while supporting a very flexible message buffer scheme and so offering more functions than a normal full CAN approach.

■ FEATURES
• Clock
Embedded PLL clock multiplication circuit
Operating clock (PLL clock) can be selected from divided-by-2 of oscillation or one to four times the oscillation (at oscillation of 4 MHz, 4 MHz to 16 MHz).
Minimum instruction execution time : 62.5 ns (operation at oscillation of 4 MHz, four times the oscillation clock, VCC of 5.0 V)
• Instruction set to optimize controller applications
   Rich data types (bit, byte, word, long word)
   Rich addressing mode (23 types)
   Enhanced signed multiplication/division instruction and RETI instruction functions
   Enhanced precision calculation realized by the 32-bit accumulator
• Instruction set designed for high level language (C language) and multi-task operations
   Adoption of system stack pointer
   Enhanced pointer indirect instructions
   Barrel shift instructions
• Program patch function (for two address pointers)
• Enhanced execution speed : 4-byte instruction queue
• Enhanced interrupt function : 8 levels, 34 factors
• Automatic data transmission function independent of CPU operation
   Extended intelligent I/O service function (EI2OS) : Up to 10 channels
• Embedded ROM size and types
   Mask ROM : 256 Kbytes/384 Kbytes
   Flash ROM : 256 Kbytes/384 Kbytes
   Embedded RAM size : 6 Kbytes/8 Kbytes
• Flash ROM
   Supports automatic programming, Embedded Algorithm TM*
   Write/Erase/Erase-Suspend/Resume commands
   A flag indicating completion of the algorithm
   Hard-wired reset vector available in order to point to a fixed boot sector in Flash Memory
   Erase can be performed on each block
   Block protection with external programming voltage
• Low-power consumption (stand-by) mode
   Sleep mode (mode in which CPU operating clock is stopped)
   Stop mode (mode in which oscillation is stopped)
   CPU intermittent operation mode
   Clock mode
   Hardware stand-by mode
• Process
   0.5µm CMOS technology
• I/O port
   General-purpose I/O ports : 78 ports
• Timer
   Watchdog timer : 1 channel
   8/16-bit PPG timer : 8/16-bit × 6 channels
   16-bit re-load timer : 2 channels




Similar Part No. - MB90591

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90591G FUJITSU-MB90591G Datasheet
1Mb / 60P
16-bit Proprietary Microcontroller
MB90591GPF FUJITSU-MB90591GPF Datasheet
697Kb / 56P
16-bit Proprietary Microcontroller
MB90591GPF FUJITSU-MB90591GPF Datasheet
1Mb / 60P
16-bit Proprietary Microcontroller
MB90591PF FUJITSU-MB90591PF Datasheet
697Kb / 56P
16-bit Proprietary Microcontroller
More results


Similar Description - MB90591

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
16-bit Proprietary Microcontroller
MB90F378 FUJITSU-MB90F378 Datasheet
480Kb / 65P
16-BIT PROPRIETARY MICROCONTROLLER
MB90980 FUJITSU-MB90980 Datasheet
583Kb / 48P
16-bit Proprietary Microcontroller
MB90880 FUJITSU-MB90880 Datasheet
1Mb / 75P
16-Bit Proprietary Microcontroller
MB90860E FUJITSU-MB90860E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com