Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F040C Datasheet (PDF) - fujitsu semiconductor

MBM29F040C Datasheet PDF - fujitsu semiconductor
Part # MBM29F040C
Download  MBM29F040C Download
File Size   424.68 Kbytes
Page   40 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 4M (512K X 8) BIT

MBM29F040C Datasheet (PDF)

Go To PDF Page Download Datasheet
MBM29F040C Datasheet PDF - fujitsu semiconductor

Part # MBM29F040C
Download  MBM29F040C Click to download

File Size   424.68 Kbytes
Page   40 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 4M (512K X 8) BIT

MBM29F040C Datasheet (HTML) - fujitsu semiconductor


MBM29F040C Product details

■ GENERAL DESCRIPTION

The MBM29F040C is a 4M-bit, 5.0 V-only Flash memory organized as 512K bytes of 8 bits each. The MBM29F040C is offered in a 32-pin PLCC and 32-pin TSOP(I) package. This device is designed to be programmed in-system with the standard system 5.0 V VCCsupply. A 12.0 V VPPis not required for write or erase operations. The device can also be reprogrammed in standard EPROM programmers.



■ FEATURES

• Single 5.0 V read, program and erase Minimizes system level power requirements

• Compatible with JEDEC-standard commands Uses same software commands as E2PROMs

• Compatible with JEDEC-standard byte-wide pinouts

   32-pin PLCC (Package suffix: PD)

   32-pin TSOP(I) (Package suffix: PF)

   32-pin TSOP(I) (Package suffix: PFTN – Normal Bend Type, PFTR – Reversed Bend Type)

• Minimum 100,000 write/erase cycles

• High performance 

  55 ns maximum access time

• Sector erase architecture

  8 equal size sectors of 64K bytes each Any combination of sectors can be concurrently erased. Also supports full chip erase.

• Embedded Erase™ Algorithms

  Automatically pre-programs and erases the chip or any sector

• Embedded Program™ Algorithms

  Automatically writes and verifies data at specified address

• DataPolling and Toggle Bit feature for detection of program or erase cycle completion

• Low VCCwrite inhibit ≤3.2 V

• Sector protection

  Hardware method disables any combination of sectors from write or erase operations

• Erase Suspend/Resume

  Suspends the erase operation to allow a read data in another sector within the same device




Similar Part No. - MBM29F040C

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F040C SPANSION-MBM29F040C Datasheet
421Kb / 41P
FLASH MEMORY 4M (512K x 8) BIT
MBM29F040C-55 SPANSION-MBM29F040C-55 Datasheet
421Kb / 41P
FLASH MEMORY 4M (512K x 8) BIT
MBM29F040C-55PD SPANSION-MBM29F040C-55PD Datasheet
421Kb / 41P
FLASH MEMORY 4M (512K x 8) BIT
MBM29F040C-55PFTN SPANSION-MBM29F040C-55PFTN Datasheet
421Kb / 41P
FLASH MEMORY 4M (512K x 8) BIT
MBM29F040C-55PFTR SPANSION-MBM29F040C-55PFTR Datasheet
421Kb / 41P
FLASH MEMORY 4M (512K x 8) BIT
More results


Similar Description - MBM29F040C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
4M (512K x 8) BIT CMOS FLASH MEMORY
logo
fujitsu semiconductor
MBM29DL400TC FUJITSU-MBM29DL400TC Datasheet
551Kb / 56P
4M (512K X 8/256K X 16) BIT
MBM29F400TC FUJITSU-MBM29F400TC Datasheet
542Kb / 47P
4M (512K X 8/256K X 16) BIT
MBM29LV004TC FUJITSU-MBM29LV004TC Datasheet
442Kb / 52P
4M (512K X 8) BIT
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
4M (512K X 8/256K X 16) BIT
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
4M-BIT [512K x 8/256K x 16] MASK ROM
logo
fujitsu semiconductor
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
4M-BIT (512K X 8) CMOS FLASH MEMORY
logo
SPANSION
MBM29F040C SPANSION-MBM29F040C Datasheet
421Kb / 41P
FLASH MEMORY 4M (512K x 8) BIT
logo
ON Semiconductor
ENA2312 ONSEMI-ENA2312 Datasheet
159Kb / 23P
4M-bit (512K x 8) Serial Flash Memory
April, 2014
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com