Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUX85 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

BUX85 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # BUX85
Download  BUX85 Download
File Size   93.94 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SWITCHMODE NPN Silicon Power Transistors

BUX85 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUX85 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # BUX85
Download  BUX85 Click to download

File Size   93.94 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SWITCHMODE NPN Silicon Power Transistors

BUX85 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


BUX85 Product details

The BUX85 is designed for high voltage, high speed power switching applications like converters, inverters, switching regulators, motor control systems.

Specifications Features:
• VCEO(sus) 450 V
• VCES(sus) 1000V
• Fall time = 0.3 us (typ) at = 1.0 A
• VCE(sat) = 1.0 V (max) at IC = 1.0 A, IB = 0.2 A




Similar Part No. - BUX85

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUX85 MOSPEC-BUX85 Datasheet
102Kb / 2P
POWER TRANSISTORS(2A,400-450V,40W)
logo
Motorola, Inc
BUX85 MOTOROLA-BUX85 Datasheet
115Kb / 4P
2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
logo
NXP Semiconductors
BUX85 PHILIPS-BUX85 Datasheet
94Kb / 12P
Silicon diffused power transistors
1997 Aug 13
logo
Siemens Semiconductor G...
BUX85 SIEMENS-BUX85 Datasheet
106Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
BUX85 BOCA-BUX85 Datasheet
109Kb / 2P
SWITCHMODE SERIES NPN POWER TRANSISTORS
More results


Similar Description - BUX85

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6546 BOCA-2N6546 Datasheet
217Kb / 4P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
BUX85G ONSEMI-BUX85G Datasheet
134Kb / 4P
SWITCHMODE NPN Silicon Power Transistors
April, 2010 ??Rev. 13
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
SWITCHMODE Series NPN Silicon Power Transistors
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K Datasheet
445Kb / 9P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJ16010 NJSEMI-MJ16010 Datasheet
1Mb / 3P
SWITCHMODE Series NPN Silicon Power Transistors
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
SWITCHMODE Series NPN Silicon Power Transistors
MJE8502 NJSEMI-MJE8502 Datasheet
92Kb / 2P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJ8504 NJSEMI-MJ8504 Datasheet
95Kb / 2P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K_15 Datasheet
440Kb / 9P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com