Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-270L Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-270L Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-270L
Download  HCPL-270L Download
File Size   250.52 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers

HCPL-270L Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-270L Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-270L
Download  HCPL-270L Click to download

File Size   250.52 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers

HCPL-270L Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-270L Product details

Description
These high gain series couplers use a Light Emitting Diode and an integrated high gain photodetector to provide extremely high current transfer ratio between input and output.
   
Features
• 3.3V/5V Dual Supply Voltages
• Low power consumption
• High current transfer ratio
• Low input current requirements – 0.5 mA
• LVTTL/LVCMOS compatible output
• Performance guaranteed over temperature 0°C to +70°C
• Base access allows gain bandwidth adjustment
• High output current – 60 mA
• Safety approval, UL, IEC/EN/DIN EN 60747-5-2, CSA
   
Applications
• Ground isolate most logic families – LVTTL/LVCMOS
• Low input current line receiver
• High voltage insulation
• EIA RS-232C line receiver
• Telephone ring detector
• V AC line voltage status indicator – low input power
    dissipation
• Low power systems – ground isolation
   




Similar Part No. - HCPL-270L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-270L HP-HCPL-270L Datasheet
184Kb / 12P
Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
logo
Broadcom Corporation.
HCPL-270L BOARDCOM-HCPL-270L Datasheet
101Kb / 2P
Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
Agilent(Hewlett-Packard...
HCPL-270L060 HP-HCPL-270L060 Datasheet
184Kb / 12P
Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
HCPL-270L500 HP-HCPL-270L500 Datasheet
184Kb / 12P
Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
More results


Similar Description - HCPL-270L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
Low Input Current, High Gain Optocouplers
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
Fairchild Semiconductor
FOD070L FAIRCHILD-FOD070L Datasheet
352Kb / 17P
LVTTL/LVCMOS COMPATIBLE LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
FOD073L FAIRCHILD-FOD073L_09 Datasheet
291Kb / 12P
LVTTL/LVCMOS Compatible Low Input Current High Gain Split Darlington Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
Low Input Current, High Gain Optocouplers
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
Low Input Current, High Gain Optocouplers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com