Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6506 Datasheet (PDF) - Intersil Corporation

ISL6506 Datasheet PDF - Intersil Corporation
Part # ISL6506
Download  ISL6506 Download
File Size   229.84 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multiple Linear Power Controller with ACPI Control Interface

ISL6506 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6506 Datasheet PDF - Intersil Corporation

Part # ISL6506
Download  ISL6506 Click to download

File Size   229.84 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multiple Linear Power Controller with ACPI Control Interface

ISL6506 Datasheet (HTML) - Intersil Corporation


ISL6506 Product details

The ISL6506 complements other power building blocks (voltage regulators) in ACPI-compliant designs for microprocessor and computer applications. The IC integrates the control of the 5VDUAL and 3.3VDUAL rails into an 8 Ld EPAD SOIC package.

Features
• Provides 2 ACPI-Controlled Voltages
    - 5VDUAL USB/Keyboard/Mouse
    - 3.3VDUAL/3.3VSB PCI/Auxiliary/LAN
• Excellent 3.3VDUAL Regulation in S3/S4/S5
    - ±2.0% Over-Temperature
    - 1A Capability on ISL6506 and ISL6506A
    - 2A Capability on ISL6506B
• Small Size; Very Low External Component Count
• Over-Temperature Shutdown
• Pb-Free Available (RoHS Compliant)

Applications
• ACPI-Compliant Power Regulation for Motherboards
    - ISL6506, ISL6506B: 5VDUAL is shut down in S4/S5 sleep states
    - ISL6506A: 5VDUAL stays on in S4/S5 sleep states




Similar Part No. - ISL6506

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6506 INTERSIL-ISL6506 Datasheet
177Kb / 8P
Multiple Linear Power Controller with ACPI Control Interface
May 7, 2008
logo
Renesas Technology Corp
ISL6506 RENESAS-ISL6506 Datasheet
535Kb / 9P
Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
ISL6506A INTERSIL-ISL6506A Datasheet
177Kb / 8P
Multiple Linear Power Controller with ACPI Control Interface
May 7, 2008
logo
Renesas Technology Corp
ISL6506A RENESAS-ISL6506A Datasheet
535Kb / 9P
Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
ISL6506ACB INTERSIL-ISL6506ACB Datasheet
177Kb / 8P
Multiple Linear Power Controller with ACPI Control Interface
May 7, 2008
More results


Similar Description - ISL6506

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
1999 12
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
Multiple Linear Power Controller with ACPI Control Interface
April 13, 2004
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
Multiple Linear Power Controller with ACPI Control Interface
May 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com