Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5283-1 Datasheet (PDF) - Microsemi Corporation

1N5283-1 Datasheet PDF - Microsemi Corporation
Part # 1N5283-1
Download  1N5283-1 Download
File Size   223.21 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description CURRENT REGULATOR DIODES

1N5283-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5283-1 Datasheet PDF - Microsemi Corporation

Part # 1N5283-1
Download  1N5283-1 Click to download

File Size   223.21 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description CURRENT REGULATOR DIODES

1N5283-1 Datasheet (HTML) - Microsemi Corporation


1N5283-1 Product details

• 1N5283-1 THRU 1N5314-1 AVAILABLE IN JAN, JANTX, JANTXV AND JANS PER MIL-PRF-19500/463
• CURRENT REGULATOR DIODES
• HIGH SOURCE IMPEDANCE
• METALLURGICALLY BONDED
• DOUBLE PLUG CONSTRUCTION

MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500mW @ TL= +50°C, L = 3/8”
Power Derating: 4 mW / °C above +50°C
Peak Operating Voltage: 100 Volts




Similar Part No. - 1N5283-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5283-1 CDI-DIODE-1N5283-1 Datasheet
30Kb / 2P
CURRENT REGULATOR DIODES
logo
Microsemi Corporation
1N5283-1 MICROSEMI-1N5283-1 Datasheet
30Kb / 1P
CURRENT REGULATOR DIODES
logo
Aeroflex Circuit Techno...
1N5283-1 AEROFLEX-1N5283-1 Datasheet
517Kb / 4P
Current Regulator Diode Series
1N5283-1 AEROFLEX-1N5283-1 Datasheet
517Kb / 4P
Current Regulator Diode Series 1N5283-1 thru 1N5314-1 & 1N7048-1 thru 1N7055-1
logo
M/A-COM Technology Solu...
1N5283-1 MA-COM-1N5283-1 Datasheet
726Kb / 5P
High Source Impedance
More results


Similar Description - 1N5283-1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5283 MOTOROLA-1N5283 Datasheet
119Kb / 5P
CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
1N5283 CDI-DIODE-1N5283 Datasheet
30Kb / 2P
CURRENT REGULATOR DIODES
DCR250 CDI-DIODE-DCR250 Datasheet
15Kb / 1P
CURRENT REGULATOR DIODES
logo
Microsemi Corporation
CDLL250 MICROSEMI-CDLL250 Datasheet
19Kb / 1P
CURRENT REGULATOR DIODES
DCR250 MICROSEMI-DCR250 Datasheet
19Kb / 1P
CURRENT REGULATOR DIODES
1N5283 MICROSEMI-1N5283_10 Datasheet
30Kb / 1P
CURRENT REGULATOR DIODES
logo
Digitron Semiconductors
1N5283 DIGITRON-1N5283 Datasheet
132Kb / 3P
CURRENT REGULATOR DIODES
logo
New Jersey Semi-Conduct...
J500 NJSEMI-J500 Datasheet
632Kb / 2P
Current Regulator Diodes
2N5283 NJSEMI-2N5283 Datasheet
196Kb / 2P
CURRENT REGULATOR DIODES
logo
Microsemi Corporation
JAN1N5283-1 MICROSEMI-JAN1N5283-1 Datasheet
223Kb / 6P
CURRENT REGULATOR DIODES
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com