Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG4020ETP Datasheet (PDF) - NXP Semiconductors

PMEG4020ETP Datasheet PDF - NXP Semiconductors
Part # PMEG4020ETP
Download  PMEG4020ETP Download
File Size   160.8 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 40 V, 2 A low VF MEGA Schottky barrier rectifier

PMEG4020ETP Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG4020ETP Datasheet PDF - NXP Semiconductors

Part # PMEG4020ETP
Download  PMEG4020ETP Click to download

File Size   160.8 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 40 V, 2 A low VF MEGA Schottky barrier rectifier

PMEG4020ETP Datasheet (HTML) - NXP Semiconductors




Similar Part No. - PMEG4020ETP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4020ETP NEXPERIA-PMEG4020ETP Datasheet
245Kb / 12P
High temperature 40 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG4020ETP-Q NEXPERIA-PMEG4020ETP-Q Datasheet
245Kb / 12P
High temperature 40 V, 2 A low VF Schottky barrier rectifier
20 February 2023
More results


Similar Description - PMEG4020ETP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010ETP PHILIPS-PMEG4010ETP Datasheet
166Kb / 14P
40 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-5 October 2011
PMEG4020EPAS PHILIPS-PMEG4020EPAS_15 Datasheet
227Kb / 15P
40 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
PMEG4020EPK PHILIPS-PMEG4020EPK_15 Datasheet
212Kb / 15P
40 V, 2 A low VF MEGA Schottky barrier rectifier
11 February 2014
logo
Nexperia B.V. All right...
PMEG40T20EP NEXPERIA-PMEG40T20EP Datasheet
227Kb / 14P
40 V, 2 A low VF Trench MEGA Schottky barrier rectifier
PMEG40T20ER NEXPERIA-PMEG40T20ER Datasheet
229Kb / 14P
40 V, 2 A low VF Trench MEGA Schottky barrier rectifier
PMEG4020EPAS NEXPERIA-PMEG4020EPAS Datasheet
710Kb / 15P
40 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG4020EPK NEXPERIA-PMEG4020EPK Datasheet
703Kb / 15P
40 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG4020ETR NEXPERIA-PMEG4020ETR Datasheet
229Kb / 13P
40 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG40T20EP-Q NEXPERIA-PMEG40T20EP-Q Datasheet
245Kb / 13P
40 V, 2 A low VF Trench MEGA Schottky barrier rectifier
9 November 2021
PMEG40T20ER-Q NEXPERIA-PMEG40T20ER-Q Datasheet
251Kb / 13P
40 V, 2 A low VF Trench MEGA Schottky barrier rectifier
8 November 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com