Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-B2L-IW Datasheet (PDF) - Vicor Corporation

VI-B2L-IW Datasheet PDF - Vicor Corporation
Part # VI-B2L-IW
Download  VI-B2L-IW Download
File Size   712.75 Kbytes
Page   6 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Isolated output

VI-B2L-IW Datasheet (PDF)

Go To PDF Page Download Datasheet
VI-B2L-IW Datasheet PDF - Vicor Corporation

Part # VI-B2L-IW
Download  VI-B2L-IW Click to download

File Size   712.75 Kbytes
Page   6 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Isolated output

VI-B2L-IW Datasheet (HTML) - Vicor Corporation


VI-B2L-IW Product details

Product Highlights
The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching” component-level DC-DC converters.
Operating at frequencies up to 2 MHz, VI-200 family converters offer exceptional power density, efficiency, noise performance, reliability and ease of use. Booster modules (VI-Bxx) provide a simple, cost-effective, off-the-shelf solution for higher power output requirements. One or more boosters may be used to create synchronous arrays capable of supplying several kilowatts of output power.
The flexibility of Vicor’s power components is also available in half-size, half-power VI-J00 MiniMods.

Features
• RoHS compliant (VE-200)
• Up to 50 W/in3
• cULus, cTÜVus
• Up to 90% efficiency
• Size: 4.6" x 2.4" x 0.5" (116,8 x 61,0 x 12,7mm)
• Remote sense and current limit
• OVP, thermal shutdown
• Logic disable
• Wide range output adjust
• Compatible power booster modules
• ZCS power architecture
• Low noise FM control
• CE Marked
• Isolated output




Similar Part No. - VI-B2L-IW

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-B240-CU VICOR-VI-B240-CU Datasheet
419Kb / 7P
50 to 200 Watts
VI-B240-EU VICOR-VI-B240-EU Datasheet
419Kb / 7P
50 to 200 Watts
VI-B240-IU VICOR-VI-B240-IU Datasheet
419Kb / 7P
50 to 200 Watts
VI-B240-MU VICOR-VI-B240-MU Datasheet
419Kb / 7P
50 to 200 Watts
VI-B241-CU VICOR-VI-B241-CU Datasheet
419Kb / 7P
50 to 200 Watts
More results


Similar Description - VI-B2L-IW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B39 AD-5B39 Datasheet
689Kb / 8P
Isolated Current Output
logo
List of Unclassifed Man...
NME0305D ETC2-NME0305D Datasheet
335Kb / 12P
Isolated 1WSingle Output
ZUW31212 ETC2-ZUW31212 Datasheet
145Kb / 3P
Isolated between input-output
VBED15-D12-S12-1A ETC2-VBED15-D12-S12-1A Datasheet
460Kb / 3P
쨌15W Isolated Output
logo
Analog Devices
5B39 AD-5B39_15 Datasheet
695Kb / 8P
Isolated Current Output
REV. 0
7B39 AD-7B39_15 Datasheet
532Kb / 8P
Isolated, Process Current Output
REV. 0
logo
Micropac Industries
53503 MICROPAC-53503 Datasheet
146Kb / 8P
LATCHING, ISOLATED OUTPUT
logo
Texas Instruments
PT6880 TI1-PT6880_09 Datasheet
219Kb / 10P
5A Non-Isolated Output
logo
Vicor Corporation
24V VICOR-24V Datasheet
606Kb / 15P
Isolated output
logo
DATEL, Inc.
QBR DATEL-QBR_17 Datasheet
915Kb / 15P
Isolated Output 60 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com