Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10DL065 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ADC10DL065 Datasheet PDF - Texas Instruments
Part # ADC10DL065
Download  ADC10DL065 Download
File Size   818.73 Kbytes
Page   34 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter

ADC10DL065 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC10DL065 Datasheet PDF - Texas Instruments

Part # ADC10DL065
Download  ADC10DL065 Click to download

File Size   818.73 Kbytes
Page   34 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter

ADC10DL065 Datasheet (HTML) - Texas Instruments




Similar Part No. - ADC10DL065

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10DL065 NSC-ADC10DL065 Datasheet
1Mb / 26P
Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
Texas Instruments
ADC10DL065 TI1-ADC10DL065 Datasheet
821Kb / 34P
Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
ADC10DL065 TI2-ADC10DL065 Datasheet
886Kb / 34P
ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
REVISED APRIL 2013
ADC10DL065 TI2-ADC10DL065 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
logo
National Semiconductor ...
ADC10DL065CIVS NSC-ADC10DL065CIVS Datasheet
1Mb / 26P
Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
More results


Similar Description - ADC10DL065

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12DL065 NSC-ADC12DL065 Datasheet
1Mb / 26P
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
National Semiconductor ...
ADC10DL065 NSC-ADC10DL065 Datasheet
1Mb / 26P
Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
Dual 10-Bit 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC12DL065 TI1-ADC12DL065_14 Datasheet
868Kb / 34P
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
logo
Texas Instruments
ADC10DL065 TI1-ADC10DL065_15 Datasheet
821Kb / 34P
Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. A
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com