Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPA422GN Datasheet (PDF) - Power Integrations, Inc.

DPA422GN Datasheet PDF - Power Integrations, Inc.
Part # DPA422GN
Download  DPA422GN Download
File Size   1071.83 Kbytes
Page   20 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description DPA-Switch DC-DC Forward Converter Design Guide

DPA422GN Datasheet (PDF)

Go To PDF Page Download Datasheet
DPA422GN Datasheet PDF - Power Integrations, Inc.

Part # DPA422GN
Download  DPA422GN Click to download

File Size   1071.83 Kbytes
Page   20 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description DPA-Switch DC-DC Forward Converter Design Guide

DPA422GN Datasheet (HTML) - Power Integrations, Inc.


DPA422GN Product details

Description
The DPA-Switch IC family is a highly integrated solution for DC-DC conversion applications with 16-75 VDC input.
DPA-Switch uses the same proven topology as TOPSwitch®, cost effectively integrating a power MOSFET, PWM control, fault protection and other control circuitry onto a single CMOS chip. High performance features are enabled with three user configurable pins. Hysteretic thermal shutdown is also provided. In addition, all critical parameters (i.e. current limit, frequency, PWM gain) have tight temperature and absolute tolerance, to simplify design and reduce system cost.

Product Highlights
Highly Integrated Solution
•  Eliminates up to 50 external components–saves space, cost
•  Integrates 220 V high frequency MOSFET, PWM control
•  Lower cost plastic DIP surface mount (G package) and through-hole (P package) options for designs ≤35 W
•  Thermally efficient TO-263-7C (R package) option for high power applications

Superior Performance and Flexibility
•  Eliminates all external current sensing circuitry
•  Built-in auto-restart for output overload/open loop protection
•  Pin selectable 300/400 kHz fixed frequency
•  Wide input (line) voltage range: 16-75 VDC
•  Externally programmable current limit
•  Source connected tab reduces EMI
•  Line undervoltage (UV) detection: meets ETSI standards
•  Line overvoltage (OV) shutdown protection
•  UV/OV limits gate drive voltage for synchronous rectification
•  Fully integrated soft-start for minimum stress/overshoot
•  Supports forward or flyback topology
•  Cycle skipping: regulation to zero load without pre-load
•  Hysteretic thermal shutdown for automatic fault recovery
•  RoHS compliant P and G package options

EcoSmart™– Energy Efficient
•  Extremely low consumption at no-load
•  Cycle skipping at light load for high standby efficiency

Applications
•  PoE applications, VoIP phones, WLAN, security cameras
•  Telco central office equipment: xDSL, ISDN, PABX
•  Distributed power architectures (24 V/48 V bus)
•  Industrial controls




Similar Part No. - DPA422GN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA422 POWERINT-DPA422 Datasheet
710Kb / 36P
Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA422 POWERINT-DPA422 Datasheet
2Mb / 34P
Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA422 POWERINT-DPA422 Datasheet
2Mb / 34P
Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA422 POWERINT-DPA422 Datasheet
2Mb / 34P
Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA422 POWERINT-DPA422 Datasheet
2Mb / 34P
Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
More results


Similar Description - DPA422GN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-71 POWERINT-EPR-71 Datasheet
1Mb / 28P
Engineering Prototype Report for EP 71 - 6.6 W DC-DC Converter Using DPA Switch- (DPA423G)
logo
Silicon Laboratories
AN45 SILABS-AN45 Datasheet
219Kb / 14P
DESIGN GUIDE FOR THE Si3210/15/16 DC-DC CONVERTER
logo
Power Integrations, Inc...
DPA423GN POWERINT-DPA423GN Datasheet
1Mb / 20P
DC-DC Forward Converter Design Guide Application Note AN-31
DPA425GN POWERINT-DPA425GN Datasheet
1Mb / 20P
DC-DC Forward Converter Design Guide Application Note AN-31
DPA425PN POWERINT-DPA425PN Datasheet
1Mb / 20P
DC-DC Forward Converter Design Guide Application Note AN-31
DPA426R-TL POWERINT-DPA426R-TL Datasheet
1Mb / 20P
DC-DC Forward Converter Design Guide Application Note AN-31
DPA422PN POWERINT-DPA422PN Datasheet
1Mb / 20P
DC-DC Forward Converter Design Guide
DPA424PN POWERINT-DPA424PN Datasheet
1Mb / 20P
DC-DC Forward Converter Design Guide
logo
Silicon Laboratories
AN892 SILABS-AN892 Datasheet
314Kb / 16P
DESIGN GUIDE FOR ISOLATED DC/DC USING THE
AN901 SILABS-AN901 Datasheet
634Kb / 25P
DESIGN GUIDE FOR ISOLATED DC/DC
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com