Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC06XS4200 Datasheet (PDF) - Freescale Semiconductor, Inc

MC06XS4200 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC06XS4200
Download  MC06XS4200 Download

File Size   626.45 Kbytes
Page   4 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual 24 V, 6.0 mOhm High Side Switch

MC06XS4200 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC06XS4200 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC06XS4200
Download  MC06XS4200 Click to download

File Size   626.45 Kbytes
Page   4 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual 24 V, 6.0 mOhm High Side Switch

MC06XS4200 Datasheet (HTML) - Freescale Semiconductor, Inc

MC06XS4200 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC06XS4200 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC06XS4200 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC06XS4200 Datasheet HTML 4Page - Freescale Semiconductor, Inc

MC06XS4200 Product details

Overview
The MC06XS4200 device is part of a 24 V high side switch product family with integrated control, and a high number of protective and diagnostic functions. It is designed for truck, bus, and industrial applications. The low RDS(ON) channels (<6.0 mΩ) can control different load types; bulb lamps, solenoids, or DC motors.

Features
•  Two fully-protected 6.0 mΩ (@ 25 °C) high side switches
•  Up to 9.0 A steady state current perchannel
•  Separate bulb and DC motor latched over-current handling
•  Fail-safe mode when microcontroller communication is lost
•  Sleep mode with minimal supply current (< 10μA @ 24 V)
•  Parallel output operating mode with improved switching synchronization
•  Individually programmable internal/external PWM clock signals
•  Over-current, short-circuit, and over-temperature protection with programmable autoretry functions
•  Accurate temperature and current sensing
•  Open-load detection (channel in OFF & ON state), also for LED applications (7.0 mA typ.)
•  Normal operating range: 8.0 to 36 V, extended range: 6.0 to 58 V
•  3.3 V and 5.0 V compatible 16-bit SPI port for device control, configuration and diagnostics at rates up to 8.0 MHz

Applications
•  Automotive (12 V system)
•  Truck, Bus, industrial vehicles (24 V system)
•  Low voltage automotive lighting
•  Halogen bulbs
•  Light-emitting diodes (LEDs)
•  Low and High beam
•  Flashers
•  Low voltage industrial lighting




Similar Part No. - MC06XS4200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
More results


Similar Description - MC06XS4200

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
06XS4200 FREESCALE-06XS4200 Datasheet
2Mb / 61P
   Dual 24 V 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
MC06XSD200 NXP-MC06XSD200 Datasheet
3Mb / 59P
   Dual 6.0 mOhm High Side Switch
Rev. 3.0, 12/2013
logo
Freescale Semiconductor...
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
   Dual 6.0 mOhm High Side Switch
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 10 mOhm High Side Switch
logo
NXP Semiconductors
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
logo
Freescale Semiconductor...
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 20 mOhm High Side Switch
logo
NXP Semiconductors
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
   Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com