Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1020B-CQ84M Datasheet (PDF) - Actel Corporation

A1020B-CQ84M Datasheet PDF - Actel Corporation
Part # A1020B-CQ84M
Download  A1020B-CQ84M Download
File Size   172.14 Kbytes
Page   24 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description ACT 1 Series FPGAs

A1020B-CQ84M Datasheet (PDF)

Go To PDF Page Download Datasheet
A1020B-CQ84M Datasheet PDF - Actel Corporation

Part # A1020B-CQ84M
Download  A1020B-CQ84M Click to download

File Size   172.14 Kbytes
Page   24 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description ACT 1 Series FPGAs

A1020B-CQ84M Datasheet (HTML) - Actel Corporation


A1020B-CQ84M Product details

Actel FPGA Description

The Actel families of FPGAs offer a variety of packages, speed/performance characteristics, and processing levels for use in all high reliability and military applications. Devices are implemented in a silicon gate, two-level metal CMOS process, utilizing Actel’s PLICE antifuse technology. This unique architecture offers gate array flexibility, high performance, and quick turnaround through user programming. Device utilization is typically 95 percent of available logic modules. All Actel devices include on-chip clock drivers and a hard-wired distribution network.



Features

• Highly Predictable Performance with 100% Automatic Placement and Routing

• Device Sizes from 1,200 to 20,000 Gates

• Up to 6 Fast, Low-Skew Clock Networks

• Up to 202 User-Programmable I/O Pins

• More Than 500 Macro Functions

• Up to 1,276 Dedicated Flip-Flops

• I/O Drive to 10 mA

• Devices Available to DSCC SMD

• CQFP and CPGA Packaging

• Nonvolatile, User Programmable

• Logic Fully Tested Prior to Shipment

• 100% Military Temperature Tested (–55°C to +125°C)

• QML Certified Devices

• Proven Reliability Data Available

• Successful Military/Avionics Supplier for Over 10 Years



ACT 3 Features

• Highest-Performance, Highest-Capacity FPGA Family

• System Performance to 60 MHz over Military Temperature

• Low-Power 0.8µ CMOS Technology



3200DX Features

• 100 MHz System Logic Integration

• Highest Speed FPGA SRAM, up to 2.5 kbits Configurable Dual-Port SRAM

• Fast Wide-Decode Circuitry

• Low-Power 0.6µ CMOS Technology



1200XL Features

• Pin for Pin Compatible with ACT 2

• System Performance to 50 MHz over Military Temperature

• Low-Power 0.6µ CMOS Technology



ACT 2 Features

• Best-Value, High-Capacity FPGA Family

• System Performance to 40 MHz over Military Temperature

• Low-Power 1.0µ CMOS Technology



ACT 1 Features

• Lowest-Cost FPGA Family

• System Performance to 20 MHz over Military Temperature

• Low-Power 1.0µ CMOS Technology



 




Similar Part No. - A1020B-CQ84M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1020B-CQ84B ACTEL-A1020B-CQ84B Datasheet
1Mb / 98P
HiRel FPGAs
A1020B-CQ84B ACTEL-A1020B-CQ84B Datasheet
1Mb / 98P
Highly Predictable Performance with 100% Automatic Placement and Routing
More results


Similar Description - A1020B-CQ84M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A14100A-RQ208C ACTEL-A14100A-RQ208C Datasheet
479Kb / 68P
Accelerator Series FPGAs - ACT 3Family
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
ACT??1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
ACT??1 Series FPGAs
logo
Microsemi Corporation
A1280A-1PQ160I MICROSEMI-A1280A-1PQ160I Datasheet
2Mb / 54P
ACT 2 Family FPGAs
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
ACT 1 Series FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
ACT 2 Family FPGAs
logo
Actel Corporation
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
ACT 1 Series FPGAs
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
ACT 2 Family FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
ACT 1 Series FPGAs
April 1996
More results




About Actel Corporation


Actel Corporation was a semiconductor company that specialized in designing and manufacturing low-power, high-performance field-programmable gate arrays (FPGAs). The company was founded in 1985 and was headquartered in Mountain View, California, USA.

Actel's FPGAs were used in a variety of applications, including aerospace and defense, automotive, communications, industrial automation, and medical devices. The company's products were known for their low power consumption, high reliability, and security features, which made them well-suited for use in mission-critical applications.

In 2010, Actel Corporation was acquired by Microsemi Corporation, which is now a subsidiary of Microchip Technology. Today, Microchip Technology continues to offer Actel's FPGA products under the SmartFusion brand name.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com