Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL201 Datasheet (PDF) - GOOD-ARK Electronics

RL201 Datasheet PDF - GOOD-ARK Electronics
Part # RL201
Download  RL201 Download
File Size   227.23 Kbytes
Page   3 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description GENERAL PURPOSE PLASTIC RECTIFIER

RL201 Datasheet (PDF)

Go To PDF Page Download Datasheet
RL201 Datasheet PDF - GOOD-ARK Electronics

Part # RL201
Download  RL201 Click to download

File Size   227.23 Kbytes
Page   3 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description GENERAL PURPOSE PLASTIC RECTIFIER

RL201 Datasheet (HTML) - GOOD-ARK Electronics


RL201 Product details

Reverse Voltage - 50 to 1000 Volts

Forward Current -  2.0 Amperes



Features

• Plastic package has Underwriters Laboratory

   Flammability Classification 94V-0

• High surge current capability

• 2.0 ampere operation at TA=75  with no thermal runaway

• Low reverse leakage

• Construction utilizes void-free molded plastic technique

• High temperature soldering guaranteed: 250°C /10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3Kg) tension



 




Similar Part No. - RL201

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
RL201 WINGS-RL201 Datasheet
251Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Won-Top Electronics
RL201 WTE-RL201 Datasheet
40Kb / 3P
2.0A SILICON RECTIFIER
logo
Zowie Technology Corpor...
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
SILICON RECTIFIER
logo
Rectron Semiconductor
RL201 RECTRON-RL201 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
RL201 JGD-RL201 Datasheet
138Kb / 2P
2.0 AMPS. SILICON RECTIFIERS
More results


Similar Description - RL201

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
General Purpose Plastic Rectifier
23-Feb-11
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
P600A VISHAY-P600A_15 Datasheet
80Kb / 5P
General Purpose Plastic Rectifier
13-Aug-13
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
General Purpose Plastic Rectifier
logo
Shanghai Leiditech Elec...
1N5406G LEIDITECH-1N5406G Datasheet
385Kb / 2P
General Purpose Plastic Rectifier
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com