Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2A-YJD Datasheet (PDF) - Microdc power Technology Co., Ltd

2A-YJD Datasheet PDF - Microdc power Technology Co., Ltd
Part # 2A-YJD
Download  2A-YJD Download
File Size   747.23 Kbytes
Page   6 Pages
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd
Description 2W,Wide Input , Isolated&Regulated Dual/Single Output DIP16 DC/DC Converter

2A-YJD Datasheet (PDF)

Go To PDF Page Download Datasheet
2A-YJD Datasheet PDF - Microdc power Technology Co., Ltd

Part # 2A-YJD
Download  2A-YJD Click to download

File Size   747.23 Kbytes
Page   6 Pages
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd
Description 2W,Wide Input , Isolated&Regulated Dual/Single Output DIP16 DC/DC Converter

2A-YJD Datasheet (HTML) - Microdc power Technology Co., Ltd




Similar Part No. - 2A-YJD

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
2A-143 KEMET-2A-143 Datasheet
146Kb / 1P
Snap-in Cover Assembly Machine
2A-159 KEMET-2A-159 Datasheet
151Kb / 1P
Tabs Welding to Cover Machine
2A-160 KEMET-2A-160 Datasheet
121Kb / 1P
Assembly into Can , Sleeving Machine
2A-268-1 KEMET-2A-268-1 Datasheet
128Kb / 1P
Automatic Winding Machine for Power Capacitors
logo
Microdc power Technolog...
2A-NXT MICRODC-2A-NXT Datasheet
674Kb / 4P
2 Watt FIXED INPUT, ISOLATED Dual Single SMD Output DC-DC CONVERTER
More results


Similar Description - 2A-YJD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA-YD-12W MICRODC-WRA-YD-12W Datasheet
1Mb / 3P
12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
WRB0503YD-2000 MICRODC-WRB0503YD-2000 Datasheet
673Kb / 4P
8W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
IA0505S-1W5 MORNSUN-IA0505S-1W5 Datasheet
360Kb / 3P
2W, FIXED INPUT, ISOLATED & REGULATED DUAL OUTPUT DC-DC CONVERTER
WRA2412LS-3W MORNSUN-WRA2412LS-3W Datasheet
196Kb / 2P
WIDE INPUT, ISOLATED & REGULATED DUAL OUTPUT DC/DC CONVERTER
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
20W,wide input isolated & regulated dual / single output DC/DC converter
logo
GAPTEC Electronic GmbH ...
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
2T16WE GAPTEC-2T16WE Datasheet
1Mb / 3P
2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com