Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C6270 Datasheet (PDF) - Hamamatsu Corporation

C6270 Datasheet PDF - Hamamatsu Corporation
Part # C6270
Download  C6270 Download
File Size   15.91 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY

C6270 Datasheet (PDF)

Go To PDF Page Download Datasheet
C6270 Datasheet PDF - Hamamatsu Corporation

Part # C6270
Download  C6270 Click to download

File Size   15.91 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY

C6270 Datasheet (HTML) - Hamamatsu Corporation


C6270 Product details

HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY

C6270 is a high voltage power supply socket assembly for 28mm(1-1/8 inch) diameter side-on photomultiplier tubes (PMT), incorporating a regulated high voltage power supply and an active voltage divider. It enables simple yet stable PMT operations with extended DC output linearity by only supplying +15Vdc and connecting to a potentiometer or a 0 to +5V for high voltage adjustments.

FEATURES
● Superior DC Output Linearity
● Fast High Voltage Programming Response
● Low Power Consumption
● Wide High Voltage Output Range
● Low Ripple/Noise
● Low Cost




Similar Part No. - C6270

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C62702-C2487 SIEMENS-C62702-C2487 Datasheet
35Kb / 4P
NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
C62702-C2488 SIEMENS-C62702-C2488 Datasheet
35Kb / 4P
PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
C62702-C747 SIEMENS-C62702-C747 Datasheet
125Kb / 4P
NPN Silicon AF Transistor (High current gain High collector current)
C62702-C748 SIEMENS-C62702-C748 Datasheet
126Kb / 4P
PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
C62702-C853 SIEMENS-C62702-C853 Datasheet
173Kb / 4P
NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
More results


Similar Description - C6270

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C6271 HAMAMATSU-C6271 Datasheet
24Kb / 2P
HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY WITH TRANSIMPEDANCE AMPLIFIER
C7950 HAMAMATSU-C7950 Datasheet
61Kb / 2P
HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY WITH WIDE BANDWIDTH AMPLIFIER
C9028-01 HAMAMATSU-C9028-01 Datasheet
49Kb / 2P
HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY (DP-TYPE)
C9773 HAMAMATSU-C9773 Datasheet
40Kb / 2P
HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY (DP-TYPE)
C11784-12 HAMAMATSU-C11784-12 Datasheet
177Kb / 2P
HIGH VOLTAGE POWER SUPPLY
C12597-01 HAMAMATSU-C12597-01_15 Datasheet
128Kb / 2P
HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY
C11152 HAMAMATSU-C11152_15 Datasheet
161Kb / 2P
HIGH VOLTAGE POWER SUPPLY
C10940 HAMAMATSU-C10940_15 Datasheet
114Kb / 2P
HIGH VOLTAGE POWER SUPPLY
C9619 HAMAMATSU-C9619_15 Datasheet
200Kb / 2P
HIGH VOLTAGE POWER SUPPLY
logo
Festo Corporation.
573855 FESTO-573855 Datasheet
94Kb / 2P
Power supply socket
7/18/22
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com