Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C7390 Datasheet (PDF) - Hamamatsu Corporation

C7390 Datasheet PDF - Hamamatsu Corporation
Part # C7390
Download  C7390 Download
File Size   137.08 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description X-Ray Line Sensor Camera

C7390 Datasheet (PDF)

Go To PDF Page Download Datasheet
C7390 Datasheet PDF - Hamamatsu Corporation

Part # C7390
Download  C7390 Click to download

File Size   137.08 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description X-Ray Line Sensor Camera

C7390 Datasheet (HTML) - Hamamatsu Corporation


C7390 Product details

The C7390 Series X-ray line sensor camera offers high resolution and high sensitivity for capturing finely detailed X-ray images of products or parts moving along on a belt conveyor. X-ray images are obtained in synchronization with external timing signals from the transfer mechanism such as a belt conveyor or by internal timing signals, and are then output as RS-422 digital signals.

FEATURES
● High resolution
● Equipment with wider detection areas
● Available with 256 mm or 512 mm detector length
● Easily connectable to frame grabber board
    The signal output method of this X-ray line sensor camera is designed to handle commercially available, digital frame grabber boards.

APPLICATIONS
● Detection of foreign matter in the food processing industry
● Presense of dangerous objects in incinerators, like gas bottles, fire extingushers
● X-ray tomography for inspection of fuel tanks, moving parts in engines.




Similar Part No. - C7390

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
C73-016-020-AGGAA MITSUMI-C73-016-020-AGGAA Datasheet
96Kb / 2P
Detach Connectors
logo
Hamamatsu Corporation
C7300-10 HAMAMATSU-C7300-10 Datasheet
74Kb / 2P
High Performance Digital CCD Camera
C7319 HAMAMATSU-C7319 Datasheet
25Kb / 2P
PREAMPLIFIER UNIT
C7319 HAMAMATSU-C7319_15 Datasheet
148Kb / 2P
AMPLIFIER UNIT
logo
Kemet Corporation
C731U102KYYDBAWL50 KEMET-C731U102KYYDBAWL50 Datasheet
265Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 1000 pF, 10%, 400 VAC (X1), 250 VAC (Y2), Y5P, Lead Spacing = 10mm
2/03/2023
More results


Similar Description - C7390

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C6086-30 HAMAMATSU-C6086-30 Datasheet
98Kb / 2P
X-Ray I.I. CCD Camera
C6086 HAMAMATSU-C6086 Datasheet
94Kb / 2P
X-Ray CCD Camera
logo
Toshiba Semiconductor
7525 TOSHIBA-7525 Datasheet
204Kb / 14P
X-ray Thickness Gage
logo
Voltage Multipliers Inc...
XRS040N100 VMI-XRS040N100 Datasheet
171Kb / 2P
Portable X-Ray
logo
Hamamatsu Corporation
C9728DK-10 HAMAMATSU-C9728DK-10 Datasheet
89Kb / 4P
Flat panel sensor Cassette type X-ray sensor with USB 2.0 interface
logo
Voltage Multipliers Inc...
XRS040N100 VMI-XRS040N100_07 Datasheet
764Kb / 2P
Portable X-Ray
logo
Hamamatsu Corporation
C12200-461 HAMAMATSU-C12200-461 Datasheet
555Kb / 2P
X-ray TDI Camera
S8559 HAMAMATSU-S8559_15 Datasheet
76Kb / 2P
Detector for X-ray monitor
C7336-05 HAMAMATSU-C7336-05_15 Datasheet
753Kb / 4P
X-RAY I.I. DIGITAL CAMERA UNIT
logo
List of Unclassifed Man...
R302 ETC1-R302 Datasheet
708Kb / 36P
X-RAY COLLIMATOR WITH LIGHT
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com