Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C7973 Datasheet (PDF) - Hamamatsu Corporation

C7973 Datasheet PDF - Hamamatsu Corporation
Part # C7973
Download  C7973 Download
File Size   196.52 Kbytes
Page   7 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description CCD multichannel detector head

C7973 Datasheet (PDF)

Go To PDF Page Download Datasheet
C7973 Datasheet PDF - Hamamatsu Corporation

Part # C7973
Download  C7973 Click to download

File Size   196.52 Kbytes
Page   7 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description CCD multichannel detector head

C7973 Datasheet (HTML) - Hamamatsu Corporation


C7973 Product details

CCD multichannel detector head
Designed for back-thinned CCD area image sensor

C7973 is a high sensitivity multichannel detector head for use with back-thinned FFT-CCD area image sensors (S7963, S7964, S7965) that offer high UV sensitivity and quantum efficiency. C7973 incorporates a low-noise driver/amplifier circuit that provides reliable operation from simple external signals. C7973 includes a highly stable temperature controller that cools the sensor to a preset temperature level (Ts= -10 ˚C) as soon as the power is turned on. If the cooler fails and causes internal circuitry to overheat, the built-in protection circuit automatically turns off the power to the thermoelectric cooler. Despite its compact size, the housing configuration is designed for good heat dissipation, and threaded mounting holes on the front panel allow connections to other devices such as monochrometers.

Features
● Designed for back-thinned CCD area image sensor *1
● Line binning operation/area scanning operation *2
● Driver/amplifier circuit for low noise CCD operation
● Highly stable temperature controller
   Cooling temperature: -10 ± 0.05 ˚C
   (Ta=10 to 35 ˚C)
● Simple signal input operation
● Compact configuration

Applications
● Fluorescence spectroscopy
● Raman spectroscopy
● Other low-light-level detection




Similar Part No. - C7973

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C797U103KYSDAA7301 KEMET-C797U103KYSDAA7301 Datasheet
1Mb / 16P
Radial Leaded Ceramic Disc Capacitors
1/24/2023
C797U103KYSDBA7301 KEMET-C797U103KYSDBA7301 Datasheet
1Mb / 16P
Radial Leaded Ceramic Disc Capacitors
1/24/2023
C797U103KYSDCA7301 KEMET-C797U103KYSDCA7301 Datasheet
1Mb / 16P
Radial Leaded Ceramic Disc Capacitors
1/24/2023
C797U103KYSDDA7301 KEMET-C797U103KYSDDA7301 Datasheet
1Mb / 16P
Radial Leaded Ceramic Disc Capacitors
1/24/2023
C797U103KYVDAA7301 KEMET-C797U103KYVDAA7301 Datasheet
1Mb / 16P
Radial Leaded Ceramic Disc Capacitors
1/24/2023
More results


Similar Description - C7973

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5964 HAMAMATSU-C5964 Datasheet
243Kb / 6P
NMOS multichannel detector head
C7020 HAMAMATSU-C7020 Datasheet
221Kb / 7P
CCD multichannel detector head
C7027 HAMAMATSU-C7027 Datasheet
183Kb / 7P
CCD multichannel detector head
C7040 HAMAMATSU-C7040 Datasheet
208Kb / 6P
CCD multichannel detector head
C7180 HAMAMATSU-C7180 Datasheet
68Kb / 2P
CCD multichannel detector head
C7557 HAMAMATSU-C7557 Datasheet
337Kb / 6P
Multichannel detector head controller
C8060 HAMAMATSU-C8060 Datasheet
308Kb / 10P
InGaAs multichannel detector head
C8892 HAMAMATSU-C8892 Datasheet
121Kb / 4P
NMOS multichannel detector head
C7557 HAMAMATSU-C7557_07 Datasheet
333Kb / 6P
Multichannel detector head controller
C8940 HAMAMATSU-C8940 Datasheet
140Kb / 5P
PCI board for CCD multichannel detector head
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com