Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7992 Datasheet (PDF) - Hamamatsu Corporation

A7992 Datasheet PDF - Hamamatsu Corporation
Part # A7992
Download  A7992 Download
File Size   144.6 Kbytes
Page   1 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Housings, Power and Signal Cables, Connector Adapters

A7992 Datasheet (PDF)

Go To PDF Page Download Datasheet
A7992 Datasheet PDF - Hamamatsu Corporation

Part # A7992
Download  A7992 Click to download

File Size   144.6 Kbytes
Page   1 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Housings, Power and Signal Cables, Connector Adapters

A7992 Datasheet (HTML) - Hamamatsu Corporation


A7992 Product details

Housing E1341-01 (For E5859 series socket assemblies)
The E1341-01 is a metal housing designed for 51 mm (2") diameter head-on photomultiplier tubes operated at room temperature. The E1341-01 ensures complete light-shielding and also accommodates a magnetic shield case (E989-62 sold separately).
The E1341-01 housing can be easily attached to a monochromator by preparing a simple adapter. The Copal No. 3 shutter can be directly attached to the E1341-01.

Power and Signal Cables E1168 Series, Connector Adapters A4184 Series
Hamamatsu offers the E1168 series cables for connection of photomultiplier tube assemblies and their accessories. A variety of cables are available, for handling high voltage, low voltage and signals.
In addition, Hamamatsu also provides the A4184 series connector adapters designed for SHV/MHV connector conversion.




Similar Part No. - A7992

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A79 MACOM-A79 Datasheet
112Kb / 1P
5 TO 300 MHz CASCADABLE AMPLIFIER
A79 MACOM-A79 Datasheet
386Kb / 2P
Cascadable Amplifier 5 to 300 MHz
logo
M/A-COM Technology Solu...
A79 MA-COM-A79 Datasheet
1Mb / 2P
Cascadable Amplifier
A79 MA-COM-A79 Datasheet
618Kb / 3P
Cascadable Amplifier
A79-SMA79 MA-COM-A79-SMA79 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Similar Description - A7992

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
Computer Cables Adapters Cables
logo
List of Unclassifed Man...
DRRJ45T8 ETC2-DRRJ45T8 Datasheet
462Kb / 2P
RJ ADAPTERS CABLES
logo
Balluff Korea Ltd.
BAE002E BALLUFF-BAE002E Datasheet
103Kb / 2P
Comm. Adapters, Signal Conv.
0.43_2021-12-17
BAE002H BALLUFF-BAE002H Datasheet
118Kb / 2P
Comm. Adapters, Signal Conv.
0.39_2021-12-17
BAE002J BALLUFF-BAE002J Datasheet
117Kb / 2P
Comm. Adapters, Signal Conv.
0.39_2021-12-17
BAE002K BALLUFF-BAE002K Datasheet
103Kb / 2P
Comm. Adapters, Signal Conv.
0.41_2021-12-17
BAE002M BALLUFF-BAE002M Datasheet
103Kb / 2P
Comm. Adapters, Signal Conv.
0.42_2021-12-17
BAE002N BALLUFF-BAE002N Datasheet
103Kb / 2P
Comm. Adapters, Signal Conv.
0.43_2021-12-17
BAE011H BALLUFF-BAE011H Datasheet
101Kb / 2P
Comm. Adapters, Signal Conv.
0.36_2021-12-15
BAE011J BALLUFF-BAE011J Datasheet
100Kb / 2P
Comm. Adapters, Signal Conv.
0.34_2021-10-29
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com