Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G8422 Datasheet (PDF) - Hamamatsu Corporation

G8422 Datasheet PDF - Hamamatsu Corporation
Part # G8422
Download  G8422 Download
File Size   255.7 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description InGaAs PIN photodiode

G8422 Datasheet (PDF)

Go To PDF Page Download Datasheet
G8422 Datasheet PDF - Hamamatsu Corporation

Part # G8422
Download  G8422 Click to download

File Size   255.7 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description InGaAs PIN photodiode

G8422 Datasheet (HTML) - Hamamatsu Corporation


G8422 Product details

Long wavelength type (up to 2.1 µm)



Features

l Cut-off wavelength: 2.1 µm

l 3-pin TO-18 package: low price

l TE-cooled type TO-8 package: low dark current

l Active area: f0.3 to f3 mm



Applications

l Gas analyzer

l Water content analyzer

l NIR (Near Infrared) photometry



 




Similar Part No. - G8422

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8422-03 HAMAMATSU-G8422-03 Datasheet
222Kb / 4P
InGaAs PIN photodiode
G8422-05 HAMAMATSU-G8422-05 Datasheet
222Kb / 4P
InGaAs PIN photodiode
G8422 HAMAMATSU-G8422_06 Datasheet
222Kb / 4P
InGaAs PIN photodiode
More results


Similar Description - G8422

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G6742 HAMAMATSU-G6742 Datasheet
336Kb / 2P
InGaAs PIN photodiode
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
InGaAs PIN photodiode
G8370 HAMAMATSU-G8370 Datasheet
220Kb / 4P
InGaAs PIN photodiode
G8421 HAMAMATSU-G8421 Datasheet
169Kb / 4P
InGaAs PIN photodiode
G8370-81 HAMAMATSU-G8370-81 Datasheet
109Kb / 3P
InGaAs PIN photodiode
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
InGaAs PIN photodiode
G8941 HAMAMATSU-G8941_04 Datasheet
147Kb / 3P
InGaAs PIN photodiode
G9230-01 HAMAMATSU-G9230-01_04 Datasheet
94Kb / 2P
InGaAs PIN photodiode
G9906-01 HAMAMATSU-G9906-01 Datasheet
61Kb / 2P
InGaAs PIN photodiode
G11777 HAMAMATSU-G11777_15 Datasheet
626Kb / 4P
InGaAs PIN photodiode
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com