Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G8522 Datasheet (PDF) - Hamamatsu Corporation

G8522 Datasheet PDF - Hamamatsu Corporation
Part # G8522
Download  G8522 Download
File Size   103.72 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description GaAs PIN photodiode

G8522 Datasheet (PDF)

Go To PDF Page Download Datasheet
G8522 Datasheet PDF - Hamamatsu Corporation

Part # G8522
Download  G8522 Click to download

File Size   103.72 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description GaAs PIN photodiode

G8522 Datasheet (HTML) - Hamamatsu Corporation


G8522 Product details

High-speed response at low reverse voltage

G8522 series are high-speed PIN photodiodes developed for optical communications and are capable of GHz (gigahertz) operation even at a low reverse voltage (2 V or less). Please contact our sales office with your specific needs.

Features
● High-speed response at low reverse voltage
   G8522-01: 3 GHz Min. (VR=2 V)
   G8522-02: 1.9 GHz Min. (VR=2 V)
   G8522-03: 1.5 GHz Min. (VR=2 V)
● Low noise, low dark current
● Low terminal capacitance

Applications
● Optical fiber communications
● Fiber channels
● Gigabit Ethernet




Similar Part No. - G8522

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
G85-23100EU-2 CHERRY-G85-23100EU-2 Datasheet
108Kb / 2P
eVolution STREAM XT Corded MultiMedia Keyboard
G85-23200EU-2 CHERRY-G85-23200EU-2 Datasheet
82Kb / 2P
G85-23200 corded keyboard
logo
GTM CORPORATION
G8550 GTM-G8550 Datasheet
136Kb / 2P
PNP EPITAXIAL TRANSISTOR
logo
E-Tech Electronics LTD
G8550 ETL-G8550 Datasheet
138Kb / 2P
The G8550 is designed for use in 2W output amplifier of portable radios in class B push-pull operation
logo
GTM CORPORATION
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Similar Description - G8522

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8921-01 HAMAMATSU-G8921-01 Datasheet
115Kb / 2P
GaAs PIN photodiode array
logo
Microsemi Corporation
MXP3000 MICROSEMI-MXP3000 Datasheet
29Kb / 1P
GaAs PIN Photodiode Chips
logo
Optoway Technology Inc
PD-8500 OPTOWAY-PD-8500 Datasheet
76Kb / 2P
GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
logo
Hamamatsu Corporation
G8921-01 HAMAMATSU-G8921-01_04 Datasheet
124Kb / 2P
GaAs PIN photodiode array
G9287-14 HAMAMATSU-G9287-14 Datasheet
235Kb / 2P
GaAs PIN photodiode with preamp
G9842 HAMAMATSU-G9842 Datasheet
88Kb / 2P
GaAs PIN photodiode with preamp
G9843 HAMAMATSU-G9843 Datasheet
94Kb / 2P
GaAs PIN photodiode with preamp
G9845-14 HAMAMATSU-G9845-14 Datasheet
76Kb / 2P
GaAs PIN photodiode with preamp
G10447-51 HAMAMATSU-G10447-51 Datasheet
128Kb / 2P
GaAs PIN photodiode with preamp
logo
Optoway Technology Inc
PD-8150 OPTOWAY-PD-8150_09 Datasheet
131Kb / 3P
GaAs PIN PHOTODIODES PIN Photodiode with Mini-Size TO Package
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com