Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9128 Datasheet (PDF) - Hamamatsu Corporation

G9128 Datasheet PDF - Hamamatsu Corporation
Part # G9128
Download  G9128 Download
File Size   129.69 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description InGaAs PIN photodiode with preamp

G9128 Datasheet (PDF)

Go To PDF Page Download Datasheet
G9128 Datasheet PDF - Hamamatsu Corporation

Part # G9128
Download  G9128 Click to download

File Size   129.69 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description InGaAs PIN photodiode with preamp

G9128 Datasheet (HTML) - Hamamatsu Corporation


G9128 Product details

InGaAs PIN photodiode with preamp

MINI-DIL type, 1.3/1.55 µm, 156, 622 Mbps/1.25, 2.5 Gbps

Features
● Wide dynamic range
   G9128 series (156 Mbps) : -37 to -5 dBm Typ.
   G9129 series (622 Mbps) : -32 to -5 dBm Typ.
   G9130 series (1.25 Gbps) : -25 to -1 dBm Typ.
   G9131 series (2.5 Gbps) : -22 to +1 dBm Typ.
● Supply voltage
   G9128/G9129 series: 3.3 V
   G9130/G9131 series: 3.3 V, 5 V
● Small size
● Differential output
● Flame retardant optical fiber

Applications
● Optical fiber communications
● SDH/SONET




Similar Part No. - G9128

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G912 GMT-G912 Datasheet
38Kb / 1P
1.2V 1A Regulator
G9125 GMT-G9125 Datasheet
234Kb / 9P
2.5V 1A Low Dropout Regulator with Disable
G9125TF1T GMT-G9125TF1T Datasheet
234Kb / 9P
2.5V 1A Low Dropout Regulator with Disable
G9125TF1TF GMT-G9125TF1TF Datasheet
234Kb / 9P
2.5V 1A Low Dropout Regulator with Disable
G9125TF1U GMT-G9125TF1U Datasheet
234Kb / 9P
2.5V 1A Low Dropout Regulator with Disable
More results


Similar Description - G9128

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8338 HAMAMATSU-G8338 Datasheet
108Kb / 2P
InGaAs PIN photodiode with preamp
G8339 HAMAMATSU-G8339 Datasheet
118Kb / 2P
InGaAs PIN photodiode with preamp
G8340 HAMAMATSU-G8340 Datasheet
101Kb / 2P
InGaAs PIN photodiode with preamp
G8925 HAMAMATSU-G8925 Datasheet
124Kb / 2P
InGaAs PIN photodiode with preamp
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
InGaAs-PIN/Preamp Preamp
logo
Hamamatsu Corporation
G10342-14 HAMAMATSU-G10342-14 Datasheet
219Kb / 2P
InGaAs PIN photodiode with preamp
G10518-51 HAMAMATSU-G10518-51 Datasheet
311Kb / 2P
InGaAs PIN photodiode with preamp
G9822 HAMAMATSU-G9822 Datasheet
167Kb / 3P
InGaAs PIN photodiodes with preamp
G9820 HAMAMATSU-G9820 Datasheet
90Kb / 2P
InGaAs PIN photodiode with preamp
G12072-54 HAMAMATSU-G12072-54_15 Datasheet
1Mb / 4P
InGaAs PIN photodiode with preamp
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com