Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMC-C197 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HSMC-C197 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HSMC-C197
Download  HSMC-C197 Download
File Size   188.83 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 3296 - 3/8 Square Trimpot Trimming Potentiometer

HSMC-C197 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSMC-C197 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HSMC-C197
Download  HSMC-C197 Click to download

File Size   188.83 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 3296 - 3/8 Square Trimpot Trimming Potentiometer

HSMC-C197 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HSMC-C197 Product details

Description
These chip type LEDs utilize Aluminium Indium Galium Phosphide (AlInGaP) material technology. The AlInGaP material has a very high luminous efficiency, capable of producing high light output over a wide range of drive currents. The available colors in this surface mount series are 592 nm Amber, 605 nm Orange, 626 nm Red and 639 nm Deep Red.

Features
• High brightness AlInGaP material
• 0805 or 0603 industry standard footprint with 0.4 mm height for top emitting packages
• Also available in right angle emitting and reverse mounting packages
• Diffused optics
• Operating temperature range of –40°C to +85°C
• Compatible with IR soldering
• Available in 4 colors
• Available in 8 mm tape on 7" diameter reel
• Reel sealed in zip locked moisture barrier bags

Applications
• Membrane switch indicator
• LCD backlighting
• Push button backlighting
• Front panel indicator
• Symbol backlighting
• Keypad backlighting
• Microdisplays
• Small message panel signage




Similar Part No. - HSMC-C197

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSMC-C190 ETC1-HSMC-C190 Datasheet
230Kb / 11P
High Performance ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-C190 AVAGO-HSMC-C190 Datasheet
420Kb / 11P
High Performance ChipLED
logo
Broadcom Corporation.
HSMC-C190 BOARDCOM-HSMC-C190 Datasheet
191Kb / 9P
High Performance ChipLED
logo
List of Unclassifed Man...
HSMC-C191 ETC1-HSMC-C191 Datasheet
230Kb / 11P
High Performance ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-C191 AVAGO-HSMC-C191 Datasheet
420Kb / 11P
High Performance ChipLED
More results


Similar Description - HSMC-C197

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3296W-1-204 BOURNS-3296W-1-204 Datasheet
183Kb / 2P
3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296X-1-203 BOURNS-3296X-1-203 Datasheet
183Kb / 2P
3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296Y-1-104LF BOURNS-3296Y-1-104LF Datasheet
189Kb / 2P
3296 - 3/8 Square Trimpot Trimming Potentiometer
3296Z-1-102LF BOURNS-3296Z-1-102LF Datasheet
183Kb / 2P
3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296W-1-101 BOURNS-3296W-1-101 Datasheet
193Kb / 2P
3296 - 3/8 Square Trimpot Trimming Potentiometer
3296W-1-203 BOURNS-3296W-1-203 Datasheet
183Kb / 2P
3296 - 3/8 Square Trimpot Trimming Potentiometer
3296X-1-503 BOURNS-3296X-1-503 Datasheet
176Kb / 2P
3296 - 3/8 Square Trimpot Trimming Potentiometer
3296W-1-202 BOURNS-3296W-1-202 Datasheet
176Kb / 2P
3296 - 3/8 Square Trimpot Trimming Potentiometer
3296Y-1-101LF BOURNS-3296Y-1-101LF Datasheet
176Kb / 2P
3296 - 3/8 Square Trimpot Trimming Potentiometer
3296X-1-103 BOURNS-3296X-1-103 Datasheet
183Kb / 2P
3296 - 3/8 Square Trimpot Trimming Potentiometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com